Electronic Components Datasheet Search
  English  ▼

X  

LIS2DW12 Datasheet(PDF) 14 Page - STMicroelectronics

Part # LIS2DW12
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DW12 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LIS2DW12 Datasheet HTML 10Page - STMicroelectronics LIS2DW12 Datasheet HTML 11Page - STMicroelectronics LIS2DW12 Datasheet HTML 12Page - STMicroelectronics LIS2DW12 Datasheet HTML 13Page - STMicroelectronics LIS2DW12 Datasheet HTML 14Page - STMicroelectronics LIS2DW12 Datasheet HTML 15Page - STMicroelectronics LIS2DW12 Datasheet HTML 16Page - STMicroelectronics LIS2DW12 Datasheet HTML 17Page - STMicroelectronics LIS2DW12 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
3.2
Functionality
3.2.1
Operating modes
Two sets of operating modes have been designed to offer the customer a broad choice of noise/power
consumption combinations:
•
Low-noise disabled (see Table 10. Operating modes - low-noise setting disabled)
•
Low-noise enabled (see Table 11. Operating modes - low-noise setting enabled)
Writing the LOW_NOISE bit in CTRL6 (25h) selects the operating mode (low-noise).
From each of these two sets, five operating modes have been designed:
•
1 High-Performance Mode: focus on low noise
•
4 Low-Power Modes: trade-off between noise and power consumption
These operating modes are selected by writing the MODE[1:0] and LP_MODE[1:0] bits in CTRL1 (20h).
Table 10. Operating modes - low-noise setting disabled
Parameter
High-Performance
Mode
Low-Power
Mode 4
Low-Power
Mode 3
Low-Power
Mode 2
Low-Power
Mode 1
Resolution [bit]
14-bit
14-bit
14-bit
14-bit
12-bit
ODR [Hz]
12.5 - 1600
1.6 - 200
1.6 - 200
1.6 - 200
1.6 - 200
BW [Hz]
ODR/2 (N/A for
1600 Hz),
ODR/4, ODR/10,
ODR/20
180
ODR/4,
ODR/10,
ODR/20
360
ODR/4,
ODR/10,
ODR/20
720
ODR/4,
ODR/10,
ODR/20
3200
ODR/4,
ODR/10,
ODR/20
Noise density [µg/√Hz]
@ FS = ±2 g, ODR=200 Hz
110
160
210
300
550
Current consumption [µA]
@ Vdd=1.8 V
ODR=1.6 Hz
-
0.65
0.55
0.45
0.38
ODR=12.5 Hz
90
4
2.5
1.6
1
ODR=25 Hz
90
8.5
4.5
3
1.5
ODR=50 Hz
90
16
9
5.5
3
ODR=100 Hz
90
32
17.5
10.5
5
ODR=200 Hz
90
63
34.5
20.5
10
ODR=400, 800,
1600 Hz
90
-
-
-
-
LIS2DW12
Functionality
DS11811 - Rev 8
page 14/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com