Electronic Components Datasheet Search
  English  ▼

X  

LIS2DW12 Datasheet(PDF) 24 Page - STMicroelectronics

Part # LIS2DW12
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DW12 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LIS2DW12 Datasheet HTML 20Page - STMicroelectronics LIS2DW12 Datasheet HTML 21Page - STMicroelectronics LIS2DW12 Datasheet HTML 22Page - STMicroelectronics LIS2DW12 Datasheet HTML 23Page - STMicroelectronics LIS2DW12 Datasheet HTML 24Page - STMicroelectronics LIS2DW12 Datasheet HTML 25Page - STMicroelectronics LIS2DW12 Datasheet HTML 26Page - STMicroelectronics LIS2DW12 Datasheet HTML 27Page - STMicroelectronics LIS2DW12 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
5.3.1
Bypass mode
In Bypass mode (FIFO_CTRL (2Eh) (FMode [2:0])= 000), the FIFO is not operational, no data is collected in FIFO
memory, and it remains empty with the only actual sample available in the output registers.
Bypass mode is also used to reset the FIFO when in FIFO mode.
For each channel only the first address is used. When new data is available, the old data is overwritten.
5.3.2
FIFO mode
In FIFO mode (FIFO_CTRL (2Eh)(FMode [2:0])= 001) data from the X, Y and Z channels are stored in the FIFO
until it is full, when 32 unread samples are stored in memory, data collecting is stopped.
To reset the FIFO content, Bypass mode should be written in the FIFO_CTRL (2Eh) register, setting the FMODE
[2:0] bits to '000'. After this reset command, it is possible to restart FIFO mode, writing the value '001' in
FIFO_CTRL (2Eh)(FMODE [2:0]).
The FIFO buffer can memorize 32 slots of X, Y and Z data.
5.3.3
Continuous mode
Continuous mode (FIFO_CTRL (2Eh) (FMode[2:0] = 110) provides a continuous FIFO update: when 32 unread
samples are stored in memory, as new data arrives the oldest data is discarded and overwritten by the newer.
A FIFO threshold flag FIFO_SAMPLES (2Fh) (FIFO_FTH) is asserted when the number of unread samples in
FIFO is greater than or equal to (FIFO_CTRL (2Eh)FTH[4:0]).
It is possible to route FIFO_SAMPLES (2Fh)(FTH) to the INT1 pin by writing the INT1_FTH bit to '1' in register
CTRL4_INT1_PAD_CTRL (23h) or to the INT2 pin by writing the INT2_FTH bit to '1' in register
CTRL5_INT2_PAD_CTRL (24h).
If an overrun occurs, the oldest sample in FIFO is overwritten and the FIFO_OVR flag in FIFO_SAMPLES (2Fh) is
asserted.
In order to empty the FIFO before it is full, it is also possible to pull from FIFO the number of unread samples
available in FIFO_SAMPLES (2Fh) (Diff[5:0]).
LIS2DW12
FIFO
DS11811 - Rev 8
page 24/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com