Electronic Components Datasheet Search
  English  ▼

X  

LIS2DW12 Datasheet(PDF) 28 Page - STMicroelectronics

Part # LIS2DW12
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DW12 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LIS2DW12 Datasheet HTML 24Page - STMicroelectronics LIS2DW12 Datasheet HTML 25Page - STMicroelectronics LIS2DW12 Datasheet HTML 26Page - STMicroelectronics LIS2DW12 Datasheet HTML 27Page - STMicroelectronics LIS2DW12 Datasheet HTML 28Page - STMicroelectronics LIS2DW12 Datasheet HTML 29Page - STMicroelectronics LIS2DW12 Datasheet HTML 30Page - STMicroelectronics LIS2DW12 Datasheet HTML 31Page - STMicroelectronics LIS2DW12 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
6.1.1
I²C operation
The transaction on the bus is started through a START (ST) signal. A START condition is defined as a high-to-low
transition on the data line while the SCL line is held high. After this has been transmitted by the master, the bus is
considered busy. The next byte of data transmitted after the start condition contains the address of the slave in
the first 7 bits and the eighth bit tells whether the master is receiving data from the slave or transmitting data to
the slave. When an address is sent, each device in the system compares the first seven bits after a start condition
with its address. If they match, the device considers itself addressed by the master.
The Slave Address (SAD) associated to the LIS2DW12 is 001100xb where the x bit is modified by the SA0/SDO
pin in order to modify the device address. If the SA0/SDO pin is connected to the supply voltage, the address is
0011001b, otherwise if the SA0/SDO pin is connected to ground, the address is 0011000b. This solution permits
to connect and address two different accelerometers to the same I²C lines.
Data transfer with acknowledge is mandatory. The transmitter must release the SDA line during the acknowledge
pulse. The receiver must then pull the data line low so that it remains stable low during the high period of the
acknowledge clock pulse. A receiver which has been addressed is obliged to generate an acknowledge after each
byte of data received.
The I²C embedded inside the LIS2DW12 behaves like a slave device and the following protocol must be adhered
to. After the start condition (ST) a slave address is sent. Once a slave acknowledge (SAK) has been returned, an
8-bit sub-address (SUB) is transmitted: the 7 LSb represents the actual register address while the CTRL2 (21h)
(IF_ADD_INC) bit defines the address increment.
The slave address is completed with a Read/Write bit. If the bit is ‘1’ (Read), a repeated START (SR) condition
must be issued after the two sub-address bytes. If the bit is ‘0’ (Write) the master will transmit to the slave with
direction unchanged. Table 16 explains how the SAD+Read/Write bit pattern is composed, listing all the possible
configurations.
Table 16. SAD+Read/Write patterns
Command
SAD[6:1]
SAD[0] = SA0
R/W
SAD+R/W
Read
001100
0
1
00110001 (31h)
Write
001100
0
0
00110000 (30h)
Read
001100
1
1
00110011 (33h)
Write
001100
1
0
00110010 (32h)
Table 17. Transfer when master is writing one byte to slave
Master
ST
SAD + W
SUB
DATA
SP
Slave
SAK
SAK
SAK
Table 18. Transfer when master is writing multiple bytes to slave
Master
ST
SAD + W
SUB
DATA
DATA
SP
Slave
SAK
SAK
SAK
SAK
Table 19. Transfer when master is receiving (reading) one byte of data from slave
Master
ST
SAD + W
SUB
SR
SAD + R
NMAK
SP
Slave
SAK
SAK
SAK
DATA
Table 20. Transfer when master is receiving (reading) multiple bytes of data from slave
Master
ST
SAD
+W
SUB
SR
SAD+R
MAK
MAK
NMAK
SP
LIS2DW12
I²C serial interface
DS11811 - Rev 8
page 28/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com