Electronic Components Datasheet Search
  English  ▼

X  

LIS2DW12 Datasheet(PDF) 17 Page - STMicroelectronics

Part # LIS2DW12
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DW12 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LIS2DW12 Datasheet HTML 13Page - STMicroelectronics LIS2DW12 Datasheet HTML 14Page - STMicroelectronics LIS2DW12 Datasheet HTML 15Page - STMicroelectronics LIS2DW12 Datasheet HTML 16Page - STMicroelectronics LIS2DW12 Datasheet HTML 17Page - STMicroelectronics LIS2DW12 Datasheet HTML 18Page - STMicroelectronics LIS2DW12 Datasheet HTML 19Page - STMicroelectronics LIS2DW12 Datasheet HTML 20Page - STMicroelectronics LIS2DW12 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
3.2.4
Activity/Inactivity, Android stationary/motion-detection functions
The activity/inactivity function recognizes the device’s sleep state and allows reducing system power
consumption.
When the activity/inactivity function is activated by setting the INTERRUPTS_ENABLE bit in CTRL7 (3Fh) and the
SLEEP_ON bit in WAKE_UP_THS (34h), the LIS2DW12 automatically goes to 12.5 Hz ODR in the low-power
mode previously selected by the LP_MODE[1:0] bits in CTRL1 (20h) if the sleep state condition is detected and
wakes up as soon as the interrupt event has been detected, increasing the output data rate and bandwidth.
With this feature the system may be efficiently switched from low-power mode to full performance depending on
user-selectable positioning and acceleration events, thus ensuring power saving and flexibility.
The Android stationary/motion detection function only recognizes the device’s sleep state.
When the Android stationary/motion-detection function is activated by setting the STATIONARY bit in
WAKE_UP_DUR (35h), the LIS2DW12 detects acceleration below a fixed threshold but does not change either
ODR or operating mode (High-Performance mode or Low-Power mode) after sleep state detection.
The Activity/Inactivity recognition function can use the high-pass filter or the offset outputs, this choice can be
made through the USR_OFF_ON_OUT bit in CTRL7 (3Fh).
If the device is in sleep (inactivity/stationary) mode, when at least one of the axes exceeds the threshold in
WAKE_UP_THS (34h), the device goes into a sleep-to-wake state (as wake-up).
For the activity/inactivity function, the device, in a wake-up state, will return to the operating mode (HP or LP) and
ODR before sleep state detection.
Activity/Inactivity, Android stationary/motion-detection threshold and duration can be configured in the following
control registers:
WAKE_UP_THS (34h)
WAKE_UP_DUR (35h)
3.2.5
High tap/double-tap user configurability
The device embeds the possibility to select the following parameters:
•
single axis or multiple axes in TAP_THS_Z (32h)
•
axis priority in TAP_THS_Y (31h)
•
threshold value of each axis in TAP_THS_X (30h), TAP_THS_Y (31h), and TAP_THS_Z (32h)
•
max time threshold between 2 consecutive taps for double-tap recognition, min time threshold between 2
consecutive taps to detect a new tap event in INT_DUR (33h)
3.2.6
Offset management
The user can manage offset in the output or for wakeup detection using dedicated embedded hardware (see
Section 5.1 Block diagram of filters).
LIS2DW12
Functionality
DS11811 - Rev 8
page 17/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com