Electronic Components Datasheet Search
  English  ▼

X  

LIS2DW12 Datasheet(PDF) 57 Page - STMicroelectronics

Part # LIS2DW12
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DW12 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button LIS2DW12 Datasheet HTML 53Page - STMicroelectronics LIS2DW12 Datasheet HTML 54Page - STMicroelectronics LIS2DW12 Datasheet HTML 55Page - STMicroelectronics LIS2DW12 Datasheet HTML 56Page - STMicroelectronics LIS2DW12 Datasheet HTML 57Page - STMicroelectronics LIS2DW12 Datasheet HTML 58Page - STMicroelectronics LIS2DW12 Datasheet HTML 59Page - STMicroelectronics LIS2DW12 Datasheet HTML 60Page - STMicroelectronics LIS2DW12 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 66 page
background image
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
9.1
Soldering information
The LGA package is compliant with the ECOPACK®, RoHS and “Green” standard.
It is qualified for soldering heat resistance according to JEDEC J-STD-020.
Land pattern and soldering recommendations are available at www.st.com.
9.2
LGA-12 package information
Figure 18. LGA-12 2.0 x 2.0 x 0.7 mm package outline and mechanical data
Dimensions are in millimeter unless otherwise specified
General Tolerance is +/-0.15mm unless otherwise specified
OUTER DIMENSIONS
ITEM
DIMENSION [mm]
TOLERANCE [mm]
Length [L]
2
±0.1
Width [W]
2
±0.1
Height [H]
0.7 MAX
/
DM00170568_2
LIS2DW12
Package information
DS11811 - Rev 8
page 57/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com