Electronic Components Datasheet Search
  English  ▼

X  

LIS2DW12 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LIS2DW12
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DW12 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LIS2DW12 Datasheet HTML 8Page - STMicroelectronics LIS2DW12 Datasheet HTML 9Page - STMicroelectronics LIS2DW12 Datasheet HTML 10Page - STMicroelectronics LIS2DW12 Datasheet HTML 11Page - STMicroelectronics LIS2DW12 Datasheet HTML 12Page - STMicroelectronics LIS2DW12 Datasheet HTML 13Page - STMicroelectronics LIS2DW12 Datasheet HTML 14Page - STMicroelectronics LIS2DW12 Datasheet HTML 15Page - STMicroelectronics LIS2DW12 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
2.5
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device under these conditions is not implied. Exposure to
maximum rating conditions for extended periods may affect device reliability.
Table 9. Absolute maximum ratings
Symbol
Ratings
Maximum value
Unit
Vdd
Supply voltage
-0.3 to 4.8
V
Vdd_IO
I/O pins supply voltage
-0.3 to 4.8
V
Vin
Input voltage on any control pin
(CS, SCL/SPC, SDA/SDI/SDO, SDO/SA0)
-0.3 to Vdd_IO +0.3
V
APOW
Acceleration (any axis, powered, Vdd = 1.8 V)
3000 g for 0.5 ms
g
10000 g for 0.2 ms
g
AUNP
Acceleration (any axis, unpowered)
3000 g for 0.5 ms
g
10000 g for 0.2 ms
g
TOP
Operating temperature range
-40 to +85
°C
TSTG
Storage temperature range
-40 to +125
°C
ESD
Electrostatic discharge protection
2 (HBM)
kV
Note:
Supply voltage on any pin should never exceed 4.8 V.
This device is sensitive to mechanical shock, improper handling can cause permanent damage to the part.
This device is sensitive to electrostatic discharge (ESD), improper handling can cause permanent damage to the part.
LIS2DW12
Absolute maximum ratings
DS11811 - Rev 8
page 12/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com