Electronic Components Datasheet Search
  English  ▼

X  

LIS2DW12 Datasheet(PDF) 36 Page - STMicroelectronics

Part # LIS2DW12
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DW12 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LIS2DW12 Datasheet HTML 32Page - STMicroelectronics LIS2DW12 Datasheet HTML 33Page - STMicroelectronics LIS2DW12 Datasheet HTML 34Page - STMicroelectronics LIS2DW12 Datasheet HTML 35Page - STMicroelectronics LIS2DW12 Datasheet HTML 36Page - STMicroelectronics LIS2DW12 Datasheet HTML 37Page - STMicroelectronics LIS2DW12 Datasheet HTML 38Page - STMicroelectronics LIS2DW12 Datasheet HTML 39Page - STMicroelectronics LIS2DW12 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
8.4
CTRL1 (20h)
Control register 1 (r/w)
Table 27. Control register 1
ODR3
ODR2
ODR1
ODR0
MODE1
MODE0
LP_MODE1
LP_MODE0
Table 28. Control register 1 description
ODR[3:0]
Output data rate and mode selection (see Table 29. Data rate configuration)
MODE[1:0]
Mode selection (see Table 30. Mode selection)
LP_MODE[1:0]
Low-power mode selection (see Table 31. Low-power mode selection)
ODR[3:0] is used to set the power mode and ODR selection. The following table lists the bit settings for power-
down mode and each available frequency.
Table 29. Data rate configuration
ODR[3:0]
Power mode / data rate configuration
0000
Power-down
0001
High-Performance / Low-Power mode 12.5/1.6 Hz
0010
High-Performance / Low-Power mode 12.5 Hz
0011
High-Performance / Low-Power mode 25 Hz
0100
High-Performance / Low-Power mode 50 Hz
0101
High-Performance / Low-Power mode 100 Hz
0110
High-Performance / Low-Power mode 200 Hz
0111
High-Performance / Low-Power mode 400/200 Hz
1000
High-Performance / Low-Power mode 800/200 Hz
1001
High-Performance / Low-Power mode 1600/200 Hz
Table 30. Mode selection
MODE[1:0]
Mode and resolution
00
Low-Power Mode (12/14-bit resolution)
01
High-Performance Mode (14-bit resolution)
10
Single data conversion on demand mode (12/14-bit resolution)
11
-
Table 31. Low-power mode selection
LP_MODE[1:0]
Power mode and resolution
00
Low-Power Mode 1 (12-bit resolution)
01
Low-Power Mode 2 (14-bit resolution)
10
Low-Power Mode 3 (14-bit resolution)
LIS2DW12
CTRL1 (20h)
DS11811 - Rev 8
page 36/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com