Electronic Components Datasheet Search
  English  ▼

X  

LIS2DW12 Datasheet(PDF) 49 Page - STMicroelectronics

Part # LIS2DW12
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DW12 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button LIS2DW12 Datasheet HTML 45Page - STMicroelectronics LIS2DW12 Datasheet HTML 46Page - STMicroelectronics LIS2DW12 Datasheet HTML 47Page - STMicroelectronics LIS2DW12 Datasheet HTML 48Page - STMicroelectronics LIS2DW12 Datasheet HTML 49Page - STMicroelectronics LIS2DW12 Datasheet HTML 50Page - STMicroelectronics LIS2DW12 Datasheet HTML 51Page - STMicroelectronics LIS2DW12 Datasheet HTML 52Page - STMicroelectronics LIS2DW12 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
8.25
WAKE_UP_DUR (35h)
Wakeup and sleep duration configuration register (r/w).
Table 70. WAKE_UP_DUR register
FF_DUR5
WAKE_
DUR1
WAKE_
DUR0
STATIONARY
SLEEP_ DUR3 SLEEP_ DUR2 SLEEP_ DUR1 SLEEP_ DUR0
Table 71. WAKE_UP_DUR register description
FF_DUR5
Free-fall duration. In conjunction with FF_DUR [4:0] bit in FREE_FALL (36h) register.
1 LSB = 1 * 1/ODR
WAKE_DUR[1:0]
Wakeup duration. 1 LSB = 1 *1/ODR
STATIONARY
Enable stationary detection / motion detection with no automatic ODR change when detecting stationary state.
Default value: 0
(0: disabled; 1: enabled)
SLEEP_ DUR[3:0]
Duration to go in sleep mode.
Default value is SLEEP_ DUR[3:0] = 0000 (which is 16 * 1/ODR).
1 LSB = 512 * 1/ODR
8.26
FREE_FALL (36h)
Free-fall duration and threshold configuration register (r/w).
Table 72. FREE_FALL register
FF_DUR4
FF_DUR3
FF_DUR2
FF_DUR1
FF_DUR0
FF_THS2
FF_THS1
FF_THS0
Table 73. FREE_FALL register description
FF_DUR [4:0]
Free-fall duration. In conjunction with FF_DUR5 bit in WAKE_UP_DUR (35h) register.
1 LSB = 1 * 1/ODR
FF_THS [2:0]
Free-fall threshold @ FS = ±2 g (refer to Table 74. FREE_FALL threshold decoding @ ± 2 g FS)
Table 74. FREE_FALL threshold decoding @ ± 2 g FS
FF_THS[2:0]
Threshold decoding (LSB)
000
5
001
7
010
8
011
10
100
11
101
13
110
15
111
16
LIS2DW12
WAKE_UP_DUR (35h)
DS11811 - Rev 8
page 49/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com