Electronic Components Datasheet Search
  English  ▼

X  

NCP5331 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP5331
Description  Two-Phase PWM Controller with Integrated Gate Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5331 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP5331 Datasheet HTML 1Page - ON Semiconductor NCP5331 Datasheet HTML 2Page - ON Semiconductor NCP5331 Datasheet HTML 3Page - ON Semiconductor NCP5331 Datasheet HTML 4Page - ON Semiconductor NCP5331 Datasheet HTML 5Page - ON Semiconductor NCP5331 Datasheet HTML 6Page - ON Semiconductor NCP5331 Datasheet HTML 7Page - ON Semiconductor NCP5331 Datasheet HTML 8Page - ON Semiconductor NCP5331 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
NCP5331
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (0
°C < TA < 70°C; 0°C < TJ < 125°C; 9.0 V < VCCL < 16 V; 9.0 V < VCCH < 20 V;
9.0 V < VCCL1 = VCCL2 < 14 V; CGATE = 3.3 nF, RROSC = 32.4 kΩ, CCOMP = 1.0 nF, C5V(REF) = 0.1 µF, DAC Code 01110 (1.2 V),
CVCC = 1.0 µF, 0.25 V ≤ ILIM ≤ 1.0 V; unless otherwise noted)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Voltage Identification DAC
Voltage Identification (VID) Codes
Measure V
= COMP SEN = LGND
VID4
VID3
VID2
VID1
VID0
Measure VFB = COMP, -SEN = LGND
0
0
0
0
0
-
-
1.550
-
V
0
0
0
0
1
-
-
1.525
-
V
0
0
0
1
0
-
-
1.500
-
V
0
0
0
1
1
-
-
1.475
-
V
0
0
1
0
0
-
-
1.450
-
V
0
0
1
0
1
-
-
1.425
-
V
0
0
1
1
0
-
-
1.400
-
V
0
0
1
1
1
-
-
1.375
-
V
0
1
0
0
0
-
-
1.350
-
V
0
1
0
0
1
-
-
1.325
-
V
0
1
0
1
0
-
-
1.300
-
V
0
1
0
1
1
-
-
1.275
-
V
0
1
1
0
0
-
-
1.250
-
V
0
1
1
0
1
-
-
1.225
-
V
0
1
1
1
0
-
-
1.200
-
V
0
1
1
1
1
-
-
1.175
-
V
1
0
0
0
0
-
-
1.150
-
V
1
0
0
0
1
-
-
1.125
-
V
1
0
0
1
0
-
-
1.100
-
V
1
0
0
1
1
-
-
1.075
-
V
1
0
1
0
0
-
-
1.050
-
V
1
0
1
0
1
-
-
1.025
-
V
1
0
1
1
0
-
-
1.000
-
V
1
0
1
1
1
-
-
0.975
-
V
1
1
0
0
0
-
-
0.950
-
V
1
1
0
0
1
-
-
0.925
-
V
1
1
0
1
0
-
-
0.900
-
V
1
1
0
1
1
-
-
0.875
-
V
1
1
1
0
0
-
-
0.850
-
V
1
1
1
0
1
-
-
0.825
-
V
1
1
1
1
0
-
-
0.800
-
V
1
1
1
1
1
-
Shutdown
V
System Accuracy
Percent deviation from programmed VID codes
-0.8
-
0.8
%
Shutdown Time Delay
VID = 11111
5.0
10
15
µs
Input Threshold
VID0-V ID4
1.00
1.25
1.50
V
VID Pin Bias Current
VID0-V ID4
12
25
40
µA
VID Pin Clamp Voltage
-
-
2.3
2.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com