Electronic Components Datasheet Search
  English  ▼

X  

NCP5331 Datasheet(PDF) 34 Page - ON Semiconductor

Part # NCP5331
Description  Two-Phase PWM Controller with Integrated Gate Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5331 Datasheet(HTML) 34 Page - ON Semiconductor

Back Button NCP5331 Datasheet HTML 30Page - ON Semiconductor NCP5331 Datasheet HTML 31Page - ON Semiconductor NCP5331 Datasheet HTML 32Page - ON Semiconductor NCP5331 Datasheet HTML 33Page - ON Semiconductor NCP5331 Datasheet HTML 34Page - ON Semiconductor NCP5331 Datasheet HTML 35Page - ON Semiconductor NCP5331 Datasheet HTML 36Page - ON Semiconductor NCP5331 Datasheet HTML 37Page - ON Semiconductor NCP5331 Datasheet HTML 38Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
NCP5331
http://onsemi.com
34
Equation 28 is used to calculate the heat sink thermal
impedances necessary to maintain less than the specified
maximum junction temperatures at 55
°C ambient.
qCNTRLSA t (120 * 55°C) 1.48 W * 1.65°C W
+ 42.3°C W
qSYNCHSA t (120 * 55°C) 0.85 W * 1.65°C W
+ 74.8°C W per MOSFET
or 37.4
°C W per phase for two MOSFETs phase
If board area permits, a cost effective heatsink could be
formed by using a TO-263 mounting pad of at least 2.0 in2
(1282 mm2) for the upper and lower MOSFETs on a
single-sided, 1 oz copper PCB. The total required pad area
would be slightly less if the area were divided evenly
between top and bottom layers with multiple thermal vias
joining the two areas. To conserve board space, AAVID
offers clip-on heatsinks for TO-220 thru-hole packages.
Examples of these heatsinks include #577002 (1
″× 0.75″ ×
0.25
″, 33°C/W at 2 W) and #591302 (0.75″× 0.5″× 0.5″,
29
°C/W at 2 W).
6. Adaptive Voltage Positioning
First, to achieve the 200 kHz switching frequency, use
Figure 5 to determine that a 51 k
W resistor is needed for
ROSC. Then, use Figure 6 to find the VFB bias current at the
corresponding value of ROSC. In this example, the 51 kΩ
ROSC resistor results in a VFB bias current of approximately
7.0
µA. Knowing the VFB bias current, one can calculate the
required values for RF1 and RDRP using Equation 29 through
Equation 31.
The no-load position is easily set using Equation 29.
RVFBK + DVNO- LOAD IBIASVFB
+ +25 mV 7.0 mA
+ 3.6 kW
(29)
For inductive current sensing, the designer must calculate
the inductor’s resistance (RL) and approximate any
resistance added by the circuit board (RPCB). We found the
inductor’s nominal resistance in Section 2 (0.965 m
Ω). In
this example, we assume 0.2 m
W for the circuit board
resistance (RPCB). With this information, Equation 30 can
be used to calculate the increase at the VDRP pin at full load.
DVDRP + IO,MAX @ (RL ) RPCB) @ GVDRP
+ 52 A @ (0.965 mW ) 0.2 mW) @ 4.2 V V
+ 0.254 mV
(30)
RDRP can then be calculated from Equation 31.
RDRP +
DVDRP
(IBIASVFB ) DVCORE,FULL- LOAD RF1)
(31)
+ 254 mV (7.0 mA ) 37 mV 3.6 kW)
+ 14.7 kW
7. Current Sensing
Choose the current sense network (RSx, CSx, x = 1 or 2) to
satisfy
RSx @ CSx + Lo (RL ) RPCB)
(32)
Equation 32 will be most accurate for better iron powder
core material (such as the -8 from Micrometals). This
material is very consistent with dc current and frequency.
Less expensive core materials (such as the -52 from
Micrometals) change their characteristics with dc current,
ac flux density, and frequency. This material will yield
acceptable converter performance if the current sense time
constant is set lower (longer) than anticipated. As a rule of
thumb, start with approximately twice the resistance (RSx)
or twice the capacitance (CSx) when using the less expensive
core material.
The component values determined thus far are Lo = 828 nH,
RL = 0.965 mΩ, and RPCB = 0.2 mΩ. We choose a convenient
value for CS1 (0.1 µF) and solve for RSx.
RSn
+ 828 nH (0.965 mW ) 0.2 mW) @ 0.1 mF
+ 7.10 kW
After the circuit is constructed, the values of RSx and/or
CSx should be tuned to provide a “square-wave” at the VDRP
pin with minimal overshoot and fast rise time due to a step
change in load current as shown in Figure 35, Figure 36 and
Figure 37. This testing has shown that for a 3 to 25 A
transient, a value of 10.0 k
W will produce the desired square
wave at VDRP.
8. Error Amplifier Tuning
The error amplifier is tuned by adjusting CA1 to provide
an acceptable full-load transient response as shown in
Figure 38, Figure 39 and Figure 40. After a value for CA1 is
chosen, the peak-to-peak voltage ripple on the COMP pin
is examined under full-load to insure less than 20 mVpp as
shown in Figure 41.
9. Current Limit Setting
The maximum inductor resistance, the maximum PCB
resistance, and the maximum current-sense gain determine
the current limit as shown in Equation 34. The maximum
current,
IOUT,LIMIT, was specified in the design
requirements. The maximum inductor resistance occurs at
full load and the highest ambient temperature. This value
was found in the “Output Inductor Section” (1.28 m
Ω). This
analysis assumes the PCB resistance only increases due to
the change in ambient temperature. Component heating will
also increase the PCB temperature but quantifying this
effect is difficult. Lab testing should be used to “fine tune”
the overcurrent threshold.
RPCB,MAX + 0.2 mW @ {1 ) 0.39% °C
@ (100°C * 25°C)}
+ 0.26 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com