Electronic Components Datasheet Search
  English  ▼

X  

NCP5331 Datasheet(PDF) 18 Page - ON Semiconductor

Part # NCP5331
Description  Two-Phase PWM Controller with Integrated Gate Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5331 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button NCP5331 Datasheet HTML 14Page - ON Semiconductor NCP5331 Datasheet HTML 15Page - ON Semiconductor NCP5331 Datasheet HTML 16Page - ON Semiconductor NCP5331 Datasheet HTML 17Page - ON Semiconductor NCP5331 Datasheet HTML 18Page - ON Semiconductor NCP5331 Datasheet HTML 19Page - ON Semiconductor NCP5331 Datasheet HTML 20Page - ON Semiconductor NCP5331 Datasheet HTML 21Page - ON Semiconductor NCP5331 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
NCP5331
http://onsemi.com
18
Figure 20. Overvoltage Occurs with UVLO Enabled
NOTE:
Using the lower MOSFETs to prevent overvoltage
is not adequate if the MOSFETs are turned OFF at
the UVLO threshold - VCORE reaches 4.0 V within
100
µs.
Figure 21. Overvoltage Occurs with UVLO Disabled
NOTE:
Even if the lower MOSFETs remain ON after
UVLO, there is not enough gate drive voltage to
prevent VCORE from reaching 4.0 V.
Overvoltage Protection
The NCP5331 provides a comprehensive level of
overvoltage protection. Overvoltage protection (OVP)
addresses the following five cases (in decreasing level of
difficulty):
1. Normal operation, upper MOSFET shorts
2. Upper MOSFET shorted, turn on the ATX power
3. Normal operation, open the voltage feedback signal
4. Normal operation, ground the voltage feedback
signal
5. Open the voltage feedback signal, apply ATX power
By far the most difficult overvoltage scenario is when the
upper MOSFET shorts during normal operation. The energy
stored in the output filters of both the ATX supply and the
dc/dc converter must be dissipated very quickly or an
overvoltage condition will occur. When the upper MOSFET
shorts, VCORE rises and the error amplifier, due to the closed
loop control, will within approximately 400 ns, command
the upper MOSFETs (those that aren’t shorted) to turn OFF
and all the lower MOSFETs to turn ON. This will cause two
things to occur: VCORE will stop increasing, and a very high
current will be drawn from the ATX supply. The current
limit in the ATX supply should become active and the input
voltage to the converter will be removed. Now, when the
input voltage drops below the NCP5331’s UVLO threshold
the lower MOSFETs will be turned OFF. At this point, a fair
amount of the energy in the system will have been
dissipated, however, the converter’s output voltage will
begin to rise again as shown in Figure 20. Even if the lower
MOSFETs are not turned OFF at the UVLO threshold, as
VIN decays, adequate gate drive voltage will not exist to
fully enhance the devices and the CPU may be damaged.
This case is shown in Figure 21.
The NCP5331 avoids the problems with UVLO and the
gate drive voltage. When VCORE exceeds 2.05 V, the
NCP5331 will activate an external crowbar MOSFET via
the CBOUT pin. This additional MOSFET will clamp VCORE
and dissipate the remainder of the energy in the system. The
CBOUT circuitry is powered by 5 VSB and is not disabled
during UVLO. Also, the CBOUT pin will always have
adequate gate drive to enhance the lower MOSFET. The
OVP circuits in the NCP5331 are not effected when the ATX
supply current limits and VIN is removed. Figure 22 and
Figure 23 document successful operation of the CBOUT
circuitry when an upper MOSFET is shorted during normal
operation with 0 A and 45 A loading.
The second most difficult overvoltage scenario is when an
upper MOSFET is shorted and the ATX power is applied. In
this case, VCORE is equal to VIN due to the shorted upper
MOSFET. When VIN reaches the maximum rating for the
CPU (2.2 V) adequate gate drive voltage is not available to
enhance the lower MOSFETs or crowbar device enough to
protect the CPU. A typical “Logic Level” MOSFET will
conduct only 100-300
µA for a gate drive of 2.0-2.5 V
(RDS(on) = 6 kΩ to 25 kΩ). The RDS(on) of the crowbar
device must be lower than 15 m
Ω during startup to prevent
damage to the CPU. The NCP5331 avoids this problem by
taking advantage of the 5 VSB voltage from the ATX supply.
If VIN is less than 5 VSB, then 5 V will be used to enhance
the crowbar device. Most modern MOSFETs will be less
than 10 m
Ω for a VGS greater than 4.5 V. Figure 24 shows
the NCP5331 preventing VCORE from exceeding 2.0 V with
a shorted upper MOSFET during startup.
If the voltage feedback signal (COREFB+) is broken, a
high value internal pull-up resistor will cause VFFB (and
VFB) to float higher in voltage. As VFFB (and VFB) are
pulled higher, the error amplifier will “think” VCORE is too
high and command a lower and lower duty cycle until
VCORE is driven to 0 V. Without the internal pull-up resistor
the error amplifier would command 100% duty cycle and
VCORE would be driven very high, damaging the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com