Electronic Components Datasheet Search
  English  ▼

X  

NCP5331 Datasheet(PDF) 32 Page - ON Semiconductor

Part # NCP5331
Description  Two-Phase PWM Controller with Integrated Gate Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5331 Datasheet(HTML) 32 Page - ON Semiconductor

Back Button NCP5331 Datasheet HTML 28Page - ON Semiconductor NCP5331 Datasheet HTML 29Page - ON Semiconductor NCP5331 Datasheet HTML 30Page - ON Semiconductor NCP5331 Datasheet HTML 31Page - ON Semiconductor NCP5331 Datasheet HTML 32Page - ON Semiconductor NCP5331 Datasheet HTML 33Page - ON Semiconductor NCP5331 Datasheet HTML 34Page - ON Semiconductor NCP5331 Datasheet HTML 35Page - ON Semiconductor NCP5331 Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
NCP5331
http://onsemi.com
32
2. Output Inductor Selection
Calculate the minimum output inductance at IO,MAX
according to Equation 3 with
±20% inductor ripple current
(
α = 0.15).
LoMIN
+
(VIN * VOUT) @ VOUT
(
a @ IO,MAX @ VIN @ fSW)
+
(12 V
* 1.163 V) @ 1.163 V
(0.15
@ 52 A @ 12 V @ 200 kHz)
+ 673 nH
(3)
To minimize core losses, we choose the T50
−8B/90 core
from Micrometals: 23.0 nH/N2, 2.50 cm/turn. According to
the Micrometals catalog, at 26 A (per phase) the
permeability of this core will be approximately 88% of the
permeability at 0 A. Therefore, at 0 A we must achieve at
least 673 nH/0.88 or 765 nH. Using 6 turns of #16 AWG
bifilar (2 m
Ω/ft) will produce 828 nH.
We will need the nominal and worst case inductor
resistances for subsequent calculations.
RL + 6 turns @ 2.5 cm turn @ 0.03218 ft cm @ 2mW ft
+ 0.965 mW
The inductor resistance will be maximized when the
inductor is “hot” due to the load current and the ambient
temperature is high. Assuming a 50
°C temperature rise of
the inductor at full-load and a 35
°C ambient temperature
rise we can calculate
RL,MAX + 0.965 mW @ [1 ) 0.39% °C @ (50°C ) 35°C)]
+ 1.28 mW
The output inductance at full-load will be reduced due to
the saturation characteristic of the core material.
Lo52 A + 0.88
828 nH
+ 729 nH at full load
Next, use Equation 4 to insure the output voltage ripple
will satisfy the design goal with the minimum number of
output capacitors and the full load output inductance.
@ (1.163 V 12 V) (729 nH @ 200 kHz)}
(4)
+ (19 mW 6) @ {(12 V * 2 @ 1.163 V)
+ 20 mV
VOUT,P- P + (ESR per cap NOUT,MIN)
@ {(VIN * #Phases @ VCORE) @ D (Lo52 A @ fSW)}
So, the ripple requirement will be satisfied if the minimum
number of output capacitors is used. More output capacitors
will probably be required to satisfy the transient
requirement, which will result in a lower ripple voltage.
3. Input Capacitor Selection
Use Equation 5 to determine the average input current to
the converter at full-load.
IIN,AVG + IO,MAX @ D h
+ 52 A @ (1.163 V 12 V) 0.80 + 6.30 A
(5)
Next, use Equation 6 to Equation 10 with the full-load
inductance value of 729 nH.
DILo + (VIN * VOUT) @ D (Lo @ fSW)
+ (12 V * 1.163 V) @
(1.163 V 12 V)
(729 nH
@ 200 kHz)
+ 7.20 App
(10)
ILo,MAX + IO,MAX 2 ) DILo 2
+ 52 A 2 ) 7.20 App 2 + 29.6 A
(8)
ILo,MIN + IO,MAX 2 * DILo 2
+ 52 A 2 * 7.20 App 2 + 22.4 A
(9)
IC,MAX + ILo,MAX h * IIN,AVG
+ 29.6 A 0.80 * 6.30 A + 30.7 A
(6)
IC,MIN + ILo,MIN h * IIN,AVG
+ 22.4 A 0.80 * 6.30 A + 21.7 A
(7)
For the two-phase converter, the input capacitor(s) rms
current at full-load is as follows. (Note: D = 1.163 V/12 V
= 0.097.)
ICIN,RMS + [2D @ (IC,MIN2 ) IC,MIN @ DIC,IN
(11)
) DIC,IN2 3) ) IIN,AVG2 @ (1 * 2D)]1 2
+ [0.19 @ (21.72 ) 21.7 @ 9.0 ) 9.02 3)
) 6.302 @ (1 * 0.19)]1 2
+ 12.9 ARMS
At this point, the designer must decide between saving
board space by using higher- rated/more costly capacitors
or saving cost by using more lower-rated/less costly
capacitors. To save cost, we choose the MBZ series
capacitors by Rubycon. Part number 16MBZ1500M10X20:
1500
µF, 16 V, 2.55 ARMS, 13 mΩ, 10 × 20 mm. This design
will require NIN = 12.8 A/2.55 A = 5 capacitors on the input
for a cost sensitive design or 6 capacitors for a conservative
design.
4. Input Inductor Selection
For the Claw Hammper CPU, the input inductor must
limit the input current slew rate to less than 0.5 A/
µs during
a load transient from 0 to 52 A. A conservative value will be
calculated assuming the minimum number of output
capacitors (NOUT = 6), five input capacitors (NIN = 5), worst
case ESR values for both the input and output capacitors,
and a maximum duty cycle at the maximum DAC setting
with 25 mV of no-load AVP.
DMAX + (1.550 V ) 25 mVAVP) 10.8 VIN + 0.146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com