Electronic Components Datasheet Search
  English  ▼

X  

NCP5331 Datasheet(PDF) 25 Page - ON Semiconductor

Part # NCP5331
Description  Two-Phase PWM Controller with Integrated Gate Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5331 Datasheet(HTML) 25 Page - ON Semiconductor

Back Button NCP5331 Datasheet HTML 21Page - ON Semiconductor NCP5331 Datasheet HTML 22Page - ON Semiconductor NCP5331 Datasheet HTML 23Page - ON Semiconductor NCP5331 Datasheet HTML 24Page - ON Semiconductor NCP5331 Datasheet HTML 25Page - ON Semiconductor NCP5331 Datasheet HTML 26Page - ON Semiconductor NCP5331 Datasheet HTML 27Page - ON Semiconductor NCP5331 Datasheet HTML 28Page - ON Semiconductor NCP5331 Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
NCP5331
http://onsemi.com
25
For increasing current
DtINC + Lo @ DIO (VIN * VCORE)
(3.1)
For decreasing current
DtDEC + Lo @ DIO (VCORE)
(3.2)
For typical processor applications with output voltages
less than half the input voltage, the current will be increased
much more quickly than it can be decreased. It may be more
difficult for the converter to stay within the regulation limits
when the load is removed than when it is applied - excessive
overshoot may result.
The output voltage ripple can be calculated using the
output inductor value derived in this Section (LoMIN), the
number of output capacitors (NOUT,MIN) and the per
capacitor ESR determined in the previous Section.
VOUT,P- P + (ESR per cap NOUT,MIN) @
(VIN * #Phases @ VCORE) @ D (LoMIN @ fSW)
(4)
This formula assumes steady-state conditions with no
more than one phase on at any time. The second term in
Equation 4 is the total ripple current seen by the output
capacitors. The total output ripple current is the “time
summation” of the two individual phase currents that are
180 degrees out-of-phase. As the inductor current in one
phase ramps upward, current in the other phase ramps
downward and provides a canceling of currents during part
of the switching cycle. Therefore, the total output ripple
current and voltage are reduced in a multiphase converter.
3. Input Capacitor Selection
The choice and number of input capacitors is primarily
determined by their voltage and ripple current ratings. The
designer must choose capacitors that will support the worst
case input voltage with adequate margin. To calculate the
number of input capacitors one must first determine the total
rms input ripple current. To this end, begin by calculating the
average input current to the converter.
IIN,AVG + IO,MAX @ D h
(5)
where
D
is the duty cycle of the converter,
D = VCORE/VIN,
η
is the specified minimum efficiency,
IO,MAX is the maximum converter output current.
The input capacitors will discharge when the control FET
is ON and charge when the control FET is OFF as shown in
Figure 30.
The following equations will determine the maximum and
minimum currents delivered by the input capacitors.
IC,MAX + ILo,MAX h * IIN,AVG
(6)
IC,MIN + ILo,MIN h * IIN,AVG
(7)
ILo,MAX is the maximum output inductor current.
ILo,MAX + IO,MAX 2 ) DILo 2
(8)
IC,MAX
IC,MIN
0 A
-I IN,AVG
FET On,
Caps Discharging
FET Off,
Caps Charging
tON
T/2
∆IC,IN = IC,MAX - IC,MIN
Figure 30. Input Capacitor Current for a
Two-Phase Converter
ILo,MIN is the minimum output inductor current.
ILo,MIN + IO,MAX 2 * DILo 2
(9)
∆ILo is the peak-to-peak ripple current in the output
inductor of value Lo.
DILo + (VIN * VCORE) @ D (Lo @ fSW)
(10)
For the two-phase converter, the input capacitor(s) rms
current is then
ICIN,RMS + [2D @ (IC,MIN2 ) IC,MIN @ DIC,IN
) DIC,IN2 3) ) IIN,AVG2 @ (1 * 2D)]1 2
(11)
Select the number of input capacitors (NIN) to provide the
rms input current (ICIN,RMS) based on the rms ripple current
rating per capacitor (IRMS,RATED).
NIN + ICIN,RMS IRMS,RATED
(12)
For a two-phase converter with perfect efficiency (
η = 1),
the worst case input ripple current will occur when the
converter is operating at a 25% duty cycle. At this operating
point, the parallel combination of input capacitors must
support an rms ripple current equal to 25% of the converter’s
dc output current. At other duty cycles, the ripple current
will be less. For example, at a duty cycle of either 10% or
40%,
the
two-phase input ripple current will be
approximately 20% of the converter’s dc output current.
In general, capacitor manufacturers require derating to the
specified ripple current based on the ambient temperature.
More capacitors will be required because of the current
derating. The designer should be cognizant of the ESR of the
input capacitors. The input capacitor power loss can be
calculated from
PCIN + ICIN,RMS2 @ ESR_per_capacitor NIN (13)
Low ESR capacitors are recommended to minimize losses
and reduce capacitor heating. The life of an electrolytic
capacitor is reduced 50% for every 10
°C rise in the
capacitor’s temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com