Electronic Components Datasheet Search
  English  ▼

X  

NCP5331 Datasheet(PDF) 31 Page - ON Semiconductor

Part # NCP5331
Description  Two-Phase PWM Controller with Integrated Gate Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5331 Datasheet(HTML) 31 Page - ON Semiconductor

Back Button NCP5331 Datasheet HTML 27Page - ON Semiconductor NCP5331 Datasheet HTML 28Page - ON Semiconductor NCP5331 Datasheet HTML 29Page - ON Semiconductor NCP5331 Datasheet HTML 30Page - ON Semiconductor NCP5331 Datasheet HTML 31Page - ON Semiconductor NCP5331 Datasheet HTML 32Page - ON Semiconductor NCP5331 Datasheet HTML 33Page - ON Semiconductor NCP5331 Datasheet HTML 34Page - ON Semiconductor NCP5331 Datasheet HTML 35Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
NCP5331
http://onsemi.com
31
the inductor’s resistance increase due to current heating and
ambient temperature rise. Also, depending on the current
sense points, the circuit board may add additional resistance.
In general, the temperature coefficient of copper is +0.393%
per
°C. If using a current sense resistor (RSENSE), the ILIM
pin voltage should be set based on the maximum value of the
sense resistor. To set the level of the ILIM pin,
VILIM + (IOUT,LIM ) DILo 2) @ R @ GILIM
(34)
where
IOUT,LIM is the current limit threshold of the converter,
∆ILo/2
is half the inductor ripple current,
R
is either (RLMAX + RPCB) or RSENSE,
GILIM
is the current sense to ILIM gain.
For the overcurrent protection to work properly, the
current sense time constant (RC) should be slightly larger
than the RL time constant. If the RC time constant is too fast,
during step load changes the sensed current waveform will
appear larger than the actual inductor current and will
probably trip the current limit at a lower level than expected.
10. Overcurrent Timer
The overcurrent timer sets the time the converter will
allow hiccup mode operation. Given the capacitance from
the COVC pin to GND, the nominal overcurrent time (tOVC)
can be calculated from the following equation.
tOVC + COVC @ (OVCTHRESH * OVCMIN) IOVC (35)
+ COVC @ (3.0 V * 0.25 V) 5.0 mA
+ COVC @ 5.5
105
where
OVCTHRESH is the overcurrent timer’s shutdown
voltage, nominally 3 V,
OVCMIN
is the overcurrent timer’s starting
voltage, nominally 0.25 V,
IOVC
is the charge current supplied to the
capacitor at the COVC pin, nominally
5
µA.
11. Soft Start Time
The Soft Start time (tSS) can be calculated from
tSS + (VCOMP * RC1 @ ICOMP) @ CC2 ICOMP (36)
where
VCOMP + VCORE @0A ) Channel_Startup_Offset
) Int_Ramp ) GCSA @ Ext_Ramp 2
Ext_Ramp
+ D @ (VIN * VCORE) (RCSx @ CCSx @ fSW)
Int_Ramp
+ 125 mV @ D 0.50
ICOMP
is the COMP source current from the
data sheet,
Int_Ramp
is the internal ramp value at the
corresponding duty cycle,
Ext_Ramp
is the peak-to-peak external
steady-state ramp at 0 A,
GCSA
is the Current Sense Amplifier Gain
(nominally 2.0 V/V),
Startup Offset is typically 0.60V.
12. Power Good Delay Time
The power good timer sets the delay time between when
VCORE exceeds the CPGD comparator’s threshold voltage
and when PGD will actually transition high. The PGD delay
time can be calculated from
tPGD + CPGD @ (PGDTHRESH * PGDMIN) IPGD (37)
+ CPGD @ (3.0 V * 0.25V) IPGD
where
PGDTHRESH is the PGD comparator’s threshold
voltage, nominally 3 V,
PGDMIN
is the PGD timer’s starting voltage,
nominally 0.25 V,
IPGD
is the charge current supplied to the
capacitor at the CPGD pin. This current
is a function of the ROSC resistor
according to IPGD = 0.52 V/ROSC.
Design Example
Typical Design Requirements:
VIN = 12.0 Vdc
VCORE = 1.20 Vdc (nominal)
VOUT,RIPPLE < 20 mVPP max
VID Range: 0.800 Vdc - 1.550 Vdc
IO,MAX = 52 A at full-load
IOUT,LIM = 72 Adc
dIIN/dt = 0.50 A/µs max
fSW = 200 kHz
η = 80% min at full-load
TA,MAX = 55°C
TJ,MAX = 120°C
tSS = 6.0 ms (Soft Start time)
tOVC = 120 ms (Overcurrent time)
tPGD = 6.0 ms (PGD Delay time)
∆VCORE at no-load (static) =
-25 mV from VID setting = 1.225 Vdc
∆VCORE at full-load (static) =
–37 mV from VID setting = 1.163 Vdc
∆VCORE transient loading from 3.0 A to 25 A =
-50 mV from VID setting = 1.150 Vdc
1. Output Capacitor Selection
First, choose a low-cost, low-ESR output capacitor such
as the Rubycon 16MBZ1000M10X16: 16 V, 1000
µF,
2.55 ARMS, 19 mΩ, 10 × 16 mm. Calculate the minimum
number of output capacitors.
NOUT,MIN
+ ESR per capacitor @
DIO,MAX
DVO,MAX
+ 19 mW @ 22 A (1.225 V * 1.150 V)
+ 5.6 or 6 capacitors minimum (6000 mF)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com