Electronic Components Datasheet Search
  English  ▼

X  

NCP5331 Datasheet(PDF) 22 Page - ON Semiconductor

Part # NCP5331
Description  Two-Phase PWM Controller with Integrated Gate Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5331 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button NCP5331 Datasheet HTML 18Page - ON Semiconductor NCP5331 Datasheet HTML 19Page - ON Semiconductor NCP5331 Datasheet HTML 20Page - ON Semiconductor NCP5331 Datasheet HTML 21Page - ON Semiconductor NCP5331 Datasheet HTML 22Page - ON Semiconductor NCP5331 Datasheet HTML 23Page - ON Semiconductor NCP5331 Datasheet HTML 24Page - ON Semiconductor NCP5331 Datasheet HTML 25Page - ON Semiconductor NCP5331 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
NCP5331
http://onsemi.com
22
Power Dissipation
NCP5331 power dissipation may be approximated by the
following equation:
Ploss + FSW ·(VCCH ·QTHighFETs
) VCCLx ·QTLowFETs) ) PQuiescent
where:
PQuiescent + VCCL ·ICCL ) 2· VCCLx ·ICCLx
) (VCCH ) Vin)·ICCH
FSW is the switching frequency
VCCL is 12 V
VCCLx is the low-side gate drive voltage and may be varied
between 5.0 and 12 V
VCCH is the high-side gate drive voltage and is between 4.5
and 7.0 V
Vin is the input voltage to the converter and is either 5.0 or
12 V
ICCL, ICCLx, ICCH are typical device quiescent currents and
can be found under the General Electrical Specifications.
QTHighFETs is the sum of the High-Side MOSFets total gate
charge
QTLowFETs is the sum of the Low-Side MOSFets total gate
charge
Figure 29 shows device temperature rise versus switching
frequency at various gate drive voltage combinations using
ON Semiconductor’s NTD60N03 (Qt = 31nC at 5.0 V) as
the high-side MOSFet and NTD80N02 (Qt = 39nC at 7.0 V)
as the low-side MOSFet. Using other MOSFets will of
course result in different losses, but the general conclusion
will be the same.
If trying to drive 2 lower MOSFets at frequencies higher
than 200 KHz, it may be necessary to reduce the low-side
gate drive voltage.
Figure 29. Calculated NCP5331 temperature rise (LQFP-32 package)
versus frequency at various typical gate drive voltage combinations
with typical ON Semiconductor MOSFets.
24
27
30
33
36
39
42
45
48
51
54
57
60
63
66
69
72
75
78
81
84
100
150
200
250
300
350
FREQUENCY (kHz)
VCCH = 4.5 V;
VCCLx = 12 V;
1 Low-Side FETS
VCCH = 4.5 V;
VCCLx = 12 V;
2 Low-Side FETS
VCCH = 7.0 V;
VCCLx = 12 V;
2 Low-Side FETS
VCCH 4.5 V;
VCCLx = 12 V;
2 Low-Side FETS
VCCH = 7.0 V;
VCCLx = 12 V;
1 Low-Side FETS
VCCH = 7.0 V;
VCCLx = 12 V;
2 Low-Side FETS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com