Electronic Components Datasheet Search
  English  ▼

X  

NCP5331 Datasheet(PDF) 16 Page - ON Semiconductor

Part # NCP5331
Description  Two-Phase PWM Controller with Integrated Gate Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5331 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button NCP5331 Datasheet HTML 12Page - ON Semiconductor NCP5331 Datasheet HTML 13Page - ON Semiconductor NCP5331 Datasheet HTML 14Page - ON Semiconductor NCP5331 Datasheet HTML 15Page - ON Semiconductor NCP5331 Datasheet HTML 16Page - ON Semiconductor NCP5331 Datasheet HTML 17Page - ON Semiconductor NCP5331 Datasheet HTML 18Page - ON Semiconductor NCP5331 Datasheet HTML 19Page - ON Semiconductor NCP5331 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
NCP5331
http://onsemi.com
16
SWNODE
VFB (VOUT)
Internal Ramp
CSA Out w/
Exaggerated
Delays
COMP-Of fset
CSA Out + Ramp + CSREF
T1
T2
Figure 16. Open Loop Operation
microseconds of a transient before the feedback loop has
repositioned the COMP pin.
The peak output current can be calculated from
IOUT,PEAK
+
(VCOMP * VCORE * Offset)
(RSx
@ GCSA)
Figure 16 shows the step response of the COMP pin at a
fixed level. Before time T1 the converter is in normal steady
state operation. The inductor current provides a portion of
the PWM ramp through the Current Sense Amplifier. The
PWM cycle ends when the sum of the current ramp, the
internal ramp voltage and Startup OFFSET exceed the
voltage level of the COMP pin. At T1 the output current
increases and the output voltage sags. The next PWM cycle
begins and this PWM cycle continues longer than
previously. As a result, the current signal increases enough
to make up for the lower voltage at the VFB pin and the cycle
ends at T2. After T2 the output voltage remains lower than
at light load and the average current signal level (CSx
output) is raised so that the sum of the current and voltage
signal is the same as with the original load. In a closed loop
system the COMP pin would move higher to restore the
output voltage to the original level.
Inductive Current Sensing
For lossless sensing, current can be sensed across the
output inductor as shown in Figure 15. In the diagram, Lx is
the output inductance and RLx is the inherent inductor
resistance. To compensate the current sense signal, the
values of RSx and CSx are chosen so that Lx/RLx = RSx
⋅
CSx. If this criteria is met, the current sense signal will be the
same shape as the inductor current and the voltage signal at
CSx will represent the instantaneous value of inductor
current. Also, the circuit can be analyzed as if a sense resistor
of value RLx was used as a sense resistor (RSx).
When choosing or designing inductors for use with
inductive sensing, tolerances and temperature effects should
be considered. Cores with a low permeability material or a
large gap will usually have minimal inductance change with
temperature and load. Copper magnet wire has a
temperature coefficient of 0.39% per
°C. The increase in
winding resistance at higher temperatures should be
considered when setting the overcurrent (ILIM)threshold. If
a more accurate current sense is required than inductive
sensing can provide, current can be sensed through a resistor
as shown in Figure 14.
Current Sharing Accuracy
Printed circuit board (PCB) traces that carry inductor
current can be used as part of the current sense resistance
depending on where the current sense signal is connected.
For accurate current sharing, the current sense inputs should
sense the current at relatively the same point for each phase
and the connection to the CSREF pin should be made so that
no phase is favored. In some cases, especially with inductive
sensing, resistance of the PCB can be useful for increasing
the current sense resistance. The total current sense
resistance used for calculations must include any PCB trace
resistance between the CSx input and the CSREF input that
carries inductor current.
Current Sense Amplifier (CSA) input mismatch and the
value of the current sense component will determine the
accuracy of the current sharing between phases. The worst
case Current Sense Amplifier input mismatch is
±5.0 mV
and will typically be within
±3.0 mV. The difference in peak
currents between phases will be the CSA input mismatch
divided by the current sense resistance. If all current sense
components are of equal resistance a 3.0 mV mismatch with
a 2.0 m
Ω total sense resistance will produce a 1.5 A
difference in current between phases.
External Ramp Size and Current Sensing
The internal ramp allows flexibility of current sense time
constant. Typically, the current sense RSxCSx time constant
should be equal to or slower than the inductor’s time
constant. If the RC time constant is chosen to be smaller
(faster) than L/RL, the ac or transient portion of the current
sensing signal will be scaled larger than the dc portion. This
will provide a larger steady state ramp, but circuit
performance (i.e. transient response) will be affected and
must be evaluated carefully. The current signal will
overshoot during transients and settle at the rate determined
by RSx
⋅ CSx. It will eventually settle to the correct dc level,
but the error will decay with the time constant of RSx
⋅ CSx.
If this error is excessive it will effect transient response,
adaptive positioning and current limit. During a positive
current transient, the COMP pin will be required to
undershoot in response to the current signal in order to
maintain the output voltage. Similarly, the VDRP signal will
overshoot and will produce too much transient droop in the
output voltage. Also, the hiccup mode current limit will have
a lower threshold for fast rise step loads than for slowly
rising output currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com