Electronic Components Datasheet Search
  English  ▼

X  

NCP5331 Datasheet(PDF) 35 Page - ON Semiconductor

Part # NCP5331
Description  Two-Phase PWM Controller with Integrated Gate Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5331 Datasheet(HTML) 35 Page - ON Semiconductor

Back Button NCP5331 Datasheet HTML 30Page - ON Semiconductor NCP5331 Datasheet HTML 31Page - ON Semiconductor NCP5331 Datasheet HTML 32Page - ON Semiconductor NCP5331 Datasheet HTML 33Page - ON Semiconductor NCP5331 Datasheet HTML 34Page - ON Semiconductor NCP5331 Datasheet HTML 35Page - ON Semiconductor NCP5331 Datasheet HTML 36Page - ON Semiconductor NCP5331 Datasheet HTML 37Page - ON Semiconductor NCP5331 Datasheet HTML 38Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
NCP5331
http://onsemi.com
35
VILIM + (IOUT,LIM ) DILo 2) @ (RLMAX ) RPCB,MAX)
@ GILIM
+ (72 A ) 7.20 A 2) @ (1.28 mW ) 0.26 mW)
@ 12 V V
+ 1.4 Vdc
Set the voltage at the ILIM pin using a resistor divider from
the 5.0 V reference output as shown in Figure 42. If the
resistor from ILIM to GND is chosen to be 910 Ω (RLIM2),
then the resistor from ILIM to 5.0 VREF can be calculated
from
RLIM1 + (VREF * VILIM) (VILIM RLIM2)
+ (5.0 V * 1.4 V) (1.4 V 910 W)
+ 2340 W or 2.37 kW
10. Overcurrent Timer
To set the overcurrent timer, solve Equation 35 for COVC
and substitute tOVC = 120 ms.
COVC + tOVC (5.5
105)
(35)
+ 120 ms (5.5
105)
+ 0.218 mFor 0.22 mF
11. Soft Start Time
To set the Soft Start time, first calculate the external ramp
size at a duty-cycle of D = 1.225 V/12 V = 0.102.
Ext_Ramp
+ D @
(VIN * VOUT)
(RSx @ CSx @ fSW)
+ 0.102 @
(12 V
* 1.225 V)
(10.0 k
W @ 0.1 mF @ 200 kHz)
+ 5.5 mV
RLIM2
910
RLIM1
5 VREF
To ILIM Pin
VLIM
Figure 42. Setting the Current Limit
Then calculate the steady-state COMP voltage.
VCOMP + VOUT @0A ) Channel_Startup_Offset
) Int_Ramp ) GCSA @ Ext_Ramp 2
+ 1.225 V ) 0.60 V ) 0.102 @ 250 mV
) 4.0 V V @ 5.3 mV 2
+ 1.86 V
Finally, solve Equation 35 for the soft-start capacitor,
CC2, and substitute as required.
CC2 + (tSS @ ICOMP) (VCOMP * RC1 @ ICOMP) (36)
+ (6 ms @ 30 mA) (1.86 V * 7.5 kW @ 30 mA)
+ 0.11 mFor 0.1 mF
12. Power Good Delay Time
First, use the previously derived value for ROSC to
calculate the current that will be supplied to the CPGD
capacitor.
IPGD + 0.52 V ROSC
+ 0.52 V 51 kW
+ 10.2 mA
Next, solve equation 37 for CPGD and substitute as
required.
CPGD + tPGD @ IPGD (PGDTHRESH * PGDMIN) (37)
+ 6ms @ 10.2 mA (3.0 V * 0.25 V)
+ 0.022 mF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com