Electronic Components Datasheet Search
  English  ▼

X  

NCP5331 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP5331
Description  Two-Phase PWM Controller with Integrated Gate Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5331 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP5331 Datasheet HTML 1Page - ON Semiconductor NCP5331 Datasheet HTML 2Page - ON Semiconductor NCP5331 Datasheet HTML 3Page - ON Semiconductor NCP5331 Datasheet HTML 4Page - ON Semiconductor NCP5331 Datasheet HTML 5Page - ON Semiconductor NCP5331 Datasheet HTML 6Page - ON Semiconductor NCP5331 Datasheet HTML 7Page - ON Semiconductor NCP5331 Datasheet HTML 8Page - ON Semiconductor NCP5331 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
© Semiconductor Components Industries, LLC, 2003
June, 2003 - Rev. 11
1
Publication Order Number:
NCP5331/D
NCP5331
Two−Phase PWM
Controller with Integrated
Gate Drivers
The NCP5331 is a second-generation, two-phase, buck controller
that incorporates advanced control functions to power 64-bit AMD
Athlon
t processors and low voltage, high current power supplies.
Proprietary multiphase architecture guarantees balanced load-current
sharing, reduces output voltage and input current ripple, decreases
filter requirements and inductor values, and increases output current
slew rate. Traditional Enhanced V2
t
has been combined with an
internal PWM ramp and voltage feedback directly from VCORE to the
internal PWM comparator. These features and enhancements deliver
the fastest transient response, reduce output voltage jitter, provide
greater design flexibility and portability, and minimize overall
solution cost.
Advanced features include adjustable power- good delay,
programmable overcurrent shutdown timer, superior overvoltage
protection (OVP), and differential remote sensing. An innovative
overvoltage protection (OVP) scheme safeguards the CPU during
extreme situations including power up with a shorted upper MOSFET,
shorting of an upper MOSFET during normal operation, and loss of
the voltage feedback signal, COREFB+.
Features
• Reduced SMT Package Size (7 mm × 7 mm)
• Enhanced V2 Control Method
• Four On-Board Gate Drivers
• Internal PWM Ramps
• Differential Remote Voltage Sense
• Fast Feedback Pin (V
FFB)
• 5-Bit DAC with 0.8% System Tolerance
• Timed Hiccup Mode Current Limit
• Power Good Output with Programmable Delay
• Advanced Overvoltage Protection (OVP)
• Adjustable Output Voltage Positioning
• 150 kHz to 600 kHz Operation Set by Resistor
• “Lossless” Current Sensing through Output Inductors
• Independent Current Sense Amplifiers
• 5.0 V, 2 mA Reference Output
http://onsemi.com
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
MARKING
DIAGRAMS
LQFP-32
FT SUFFIX
CASE 873A
NCP5331
AWLYYWW
ORDERING INFORMATION
NCP5331FTR2
LQFP-32
2000 Tape & Reel
Device
Package
Shipping
32
1


Similar Part No. - NCP5331

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5331 ONSEMI-NCP5331 Datasheet
431Kb / 36P
Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
NCP5331 ONSEMI-NCP5331 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP5331FTR2 ONSEMI-NCP5331FTR2 Datasheet
431Kb / 36P
Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
NCP5331FTR2G ONSEMI-NCP5331FTR2G Datasheet
431Kb / 36P
Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
NCP5331 ONSEMI-NCP5331_05 Datasheet
431Kb / 36P
Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
More results

Similar Description - NCP5331

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
February 10, 2006
logo
ON Semiconductor
NCP5331 ONSEMI-NCP5331_05 Datasheet
431Kb / 36P
Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 RENESAS-ISL6563 Datasheet
931Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 RENESAS-ISL8101 Datasheet
904Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com