Electronic Components Datasheet Search
  English  ▼

X  

NCP5331 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP5331
Description  Two-Phase PWM Controller with Integrated Gate Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5331 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP5331 Datasheet HTML 5Page - ON Semiconductor NCP5331 Datasheet HTML 6Page - ON Semiconductor NCP5331 Datasheet HTML 7Page - ON Semiconductor NCP5331 Datasheet HTML 8Page - ON Semiconductor NCP5331 Datasheet HTML 9Page - ON Semiconductor NCP5331 Datasheet HTML 10Page - ON Semiconductor NCP5331 Datasheet HTML 11Page - ON Semiconductor NCP5331 Datasheet HTML 12Page - ON Semiconductor NCP5331 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
NCP5331
http://onsemi.com
9
PACKAGE PIN DESCRIPTION
Pin No.
Symbol
Description
1
VFB
Voltage Feedback Pin. To use Adaptive Voltage Positioning (AVP), set the light load offset voltage
by connecting a resistor between VFB and VCORE. The resistor and the VFB bias current determine
the offset. For no adaptive positioning connect VFB directly to VCORE.
2
VDRP
Current sense output for Adaptive Voltage Positioning (AVP). The offset of this pin above the DAC
voltage is proportional to the output current. Connect a resistor from this pin to VFB to set the
amount AVP or leave this pin open for no AVP. This pin’s maximum working voltage is 4.1 Vdc.
3
LGND
Return for the internal control circuits and the IC substrate connection.
4, 6
CS1, CS2
Current sense inputs. Connect the current sense network for the corresponding phase to each in-
put. The input voltages to these pins must be kept within 125 mV of CSREF.
5
CSREF
Reference for both differential current sense amplifiers. To balance input offset voltages between
the inverting and non-inverting inputs of the Current Sense Amplifiers, connect this pin to the output
voltage through a resistor equal to one third of the value of the current sense resistors.
7
VFFB
Fast Feedback connection to the PWM comparators and input to the Power Good comparator.
8
5 VREF
Reference output. Decouple to LGND with 0.1
µF.
9
ROSC
A resistor from this pin to ground sets the operating frequency and VFB bias current.
10
-SEN
Ground connection for the DAC. Provides remote sensing of ground at the load.
11-15
VID pins
Voltage ID DAC inputs. These pins are internally pulled up and clamped at 2.3 V if left unconnected.
16
VCCL2
Power for GL2.
17
GL2
Low side driver #2.
18
GND2
Return for driver #2.
19
GH2
High side driver #2.
20
VCCH
Power for GH1 and GH2.
21
CBOUT
Open-collector crowbar output pin. This pin is high impedance when an overvoltage condition is
detected at CSREF. Connect this pin to the gate of a MOSFET or SCR to crowbar either VCORE or
VIN to GND. To prevent failure of the crowbar device, this pin should be used in conjunction with
logic on the motherboard to disable the ATX supply via PSON and/or a relatively fast fuse should be
placed upstream to disconnect the input voltage.
22
GH1
High side driver #1.
23
GND1
Return for driver #1.
24
GL1
Low side driver #1.
25
VCCL1
Power for GL1.
26
VCCL
Power for the internal control circuits. UVLO sense for Logic connects to this pin.
27
COVC
A capacitor from this pin to ground sets the time the controller will be in hiccup mode current limit.
This timer is started by the first overcurrent condition (set by the ILIM voltage). Once timed out, volt-
age at the VCCL pin must be cycled to reset this fault. Connecting this pin to LGND ±200 mV will
disable this function and hiccup mode current limit will operate indefinitely.
28
CPGD
A capacitor from this pin to ground sets the programmable time between when VCORE crosses the
PWRGD threshold and when the open-collector PWRGD pin transitions from a logic Low to a logic
High. The minimum delay is internally set to 200
µs. Connecting this pin to 5 VREF will disable the
programmable timer and the delay will be set to the internal delay.
29
PGD
Power Good output. Open collector output that will transition Low when CSREF (VCORE) is out of
regulation.
30
5 VSB
Input power for the CBOUT circuitry. To provide maximum overvoltage protection to the CPU, this pin
should be connected to 5 VSB from the ATX supply (ATX, pin 9). If the CBOUT function is not used,
this pin must be connected to the NCP5331 controller’s internal voltage reference (5 VREF, pin 8).
31
ILIM
Sets the threshold for current limit. Connect to reference through a resistive divider. This pin’s maxi-
mum working voltage is 3.0 Vdc.
32
COMP
Output of the error amplifier and input for the PWM comparators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com