Electronic Components Datasheet Search
  English  ▼

X  

NCP5331 Datasheet(PDF) 20 Page - ON Semiconductor

Part # NCP5331
Description  Two-Phase PWM Controller with Integrated Gate Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5331 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button NCP5331 Datasheet HTML 16Page - ON Semiconductor NCP5331 Datasheet HTML 17Page - ON Semiconductor NCP5331 Datasheet HTML 18Page - ON Semiconductor NCP5331 Datasheet HTML 19Page - ON Semiconductor NCP5331 Datasheet HTML 20Page - ON Semiconductor NCP5331 Datasheet HTML 21Page - ON Semiconductor NCP5331 Datasheet HTML 22Page - ON Semiconductor NCP5331 Datasheet HTML 23Page - ON Semiconductor NCP5331 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
NCP5331
http://onsemi.com
20
During no load conditions the VDRP pin is at the same
voltage as the VFB pin, so none of the VFB bias current flows
through the VDRP resistor. When output current increases
the VDRP pin increases proportionally and the VDRP pin
current offsets the VFB bias current and causes the output
voltage to decrease.
The response during the first few microseconds of a load
transient are controlled primarily by power stage output
impedance and the ESR and ESL of the output filter. The
transition between fast and slow positioning is controlled by
the total ramp size and the error amp compensation. If the
current signal (external ramp) size is too large or the error
amp too slow there will be a long transition to the final
voltage after a transient. This will be most apparent with
lower capacitance output filters.
Error Amp Compensation, Tuning, and Soft Start
The
transconductance
error
amplifier
requires
a
capacitance (CC1 + CC2 in the Applications Diagram)
between the COMP pin and GND for two reasons. First, this
capacitance stabilizes the transconductance error amplifier.
Values less than a few nF may cause oscillations of the
COMP voltage and increase the output voltage jitter.
Second, this capacitance sets the soft start and hiccup mode
slopes.
The
internal
error
amplifier
will
source
approximately 30
µA during soft start and hiccup mode. No
switching will occur until the COMP voltage exceeds the
Channel Startup Offset (nominally 0.6 V). If CC2 is set to
0.1
µF the 30 µA from the error amplifier will allow the
output to ramp up or down at approximately 30
µ A/0.1 µF
or 0.3 V/ms or 1.2 V in 4 ms.
The COMP voltage will ramp up to the following value.
VCOMP + VCORE @0A ) Channel_Startup_Offset
) Int_Ramp ) GCSA @ Ext_Ramp 2
The COMP pin will disable the converter when pulled
below the COMP Discharge Threshold (nominally 0.27 V).
The RC network between the COMP pin and the soft start
capacitor (RC1, CC1) allows the COMP voltage to slew
quickly during transient loading of the converter. Without
this network the error amplifier would have to drive the large
soft start capacitor (CC2) directly, which would drastically
limit the slew rate of the COMP voltage. The RC1/CC1
network allows the COMP voltage to undergo a step change
of approximately RC1 ⋅ ICOMP.
The capacitor (CA1) between the COMP pin and the error
amplifier’s inverting input (the VFB pin) and the parallel
combination of the resistors RF1 and RDRP determine the
bandwidth of the error amplifier. The gain of the error
amplifier crosses 0 dB at a high enough frequency to give a
quick transient response, but well below the switching
frequency to minimize ripple and noise on the COMP pin.
A capacitor in parallel with the RF1 resistor (CF1) adds a zero
to boost phase near the crossover frequency to improve loop
stability.
Figure 26. Power Good Delay Operation
NOTE:
The PGD timer insures that PGD will transition high
when VCORE is in regulation.
Setting up and tuning the error amplifier is a three step
process. First, the no-load and full-load adaptive voltage
positioning (AVP) are set using RF1 and RDRP, respectively.
Second, the current sense time constant and error amplifier
gain are adjusted with RSx and CA1 while monitoring
VCORE during transient loading. Lastly, the peak-to-peak
voltage ripple on the COMP pin is examined when the
converter is fully loaded to insure low output voltage jitter.
The exact details of this process are covered in the Design
Procedure section.
Undervoltage Lockout (UVLO)
The controller has undervoltage lockout comparators
monitoring two pins. One, intended for the logic and
low- side drivers, is connected to the VCCL pin with an 8.5 V
turn-on and 6.15 V turn-off threshold. A second, for the
high side drivers, is connected to the VCCH pin with an 8.5 V
turn-on and 6.75 V turn-off threshold. A UVLO fault sets
the fault latch which forces switching to stop and the upper
and lower gate drivers produce a logic low (i.e., all the
MOSFETs are turned OFF). Power good (PGD) is pulled
low when UVLO occurs. The overcurrent/overvoltage latch
is reset by the UVLO signal.
Power Good (PGD) Delay Time
When VCORE is less than the power good threshold,
87.5%
⋅ DAC, or greater than 2.0 V the open-collector
power good pin (PGD) will be pulled low by the NCP5331.
When VCORE is in regulation PGD will become high
impedance. An external pull-up resistor is required on PGD.
During soft start, when VCORE reaches the power good
threshold, 87.5%
⋅ DAC, then the “longer” of two timers will
dictate when PGD becomes high impedance. One timer is
internally set to 200
µs and can not be changed. Placing a
capacitor from the CPGD pin to GND sets the second
programmable timer. When VCORE crosses the PGD
threshold, a current source will charge CPGD starting at



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com