Electronic Components Datasheet Search
  English  ▼

X  

NCP5331 Datasheet(PDF) 28 Page - ON Semiconductor

Part # NCP5331
Description  Two-Phase PWM Controller with Integrated Gate Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5331 Datasheet(HTML) 28 Page - ON Semiconductor

Back Button NCP5331 Datasheet HTML 24Page - ON Semiconductor NCP5331 Datasheet HTML 25Page - ON Semiconductor NCP5331 Datasheet HTML 26Page - ON Semiconductor NCP5331 Datasheet HTML 27Page - ON Semiconductor NCP5331 Datasheet HTML 28Page - ON Semiconductor NCP5331 Datasheet HTML 29Page - ON Semiconductor NCP5331 Datasheet HTML 30Page - ON Semiconductor NCP5331 Datasheet HTML 31Page - ON Semiconductor NCP5331 Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
NCP5331
http://onsemi.com
28
For TO-220 and TO-263 packages, standard FR-4
copper clad circuit boards will have approximate thermal
resistances (
θSA) as shown in the following table.
Pad Size
(in2/mm2)
Single-Sided
1 oz. Copper
0.5/323
60-65
°C/W
0.75/484
55-60
°C/W
1.0/645
50-55
°C/W
1.5/968
45-50
°C/W
2.0/1290
38-42
°C/W
2.5/1612
33-37
°C/W
As with any power design, proper laboratory testing
should be performed to insure the design will dissipate the
required power under worst case operating conditions.
Variables considered
during
testing
should
include
maximum ambient temperature, minimum airflow, maximum
input voltage, maximum loading, and component variations
(i.e., worst case MOSFET RDS(on)). Also, the inductors and
capacitors share the MOSFET’s heatsinks and will add heat
and raise the temperature of the circuit board and MOSFET.
For any new design, its advisable to have as much heatsink
area as possible - all too often new designs are found to be
too hot and require redesign to add heatsinking.
6. Adaptive Voltage Positioning
There are two resistors that determine the Adaptive
Voltage Positioning, RF1 and RDRP. RF1 establishes the
no-load “high” voltage position and RDRP determines the
full-load “droop” voltage.
Resistor RF1 is connected between VCORE and the VFB
pin of the controller. At no load, this resistor will conduct the
internal bias current of the VFB pin and develop a voltage
drop from VCORE to the VFB pin. Because the error amplifier
regulates VFB to the DAC setting, the output voltage,
VCORE, will be higher by the amount IBIASVFB ⋅ RF1. This
condition is shown in Figure 33.
To calculate RF1 the designer must specify the no-load
voltage increase above the VID setting (
∆VNO- LOAD) and
determine the VFB bias current. Usually, the no-load voltage
increase is specified in the design guide for the processor
that is available from the manufacturer. The VFB bias current
is determined by the value of the resistor from ROSC to
ground (see Figure TBD for a graph of IBIASVFB versus
ROSC). The value of RF1 can then be calculated.
RF1 + DVNO- LOAD IBIASVFB
(29)
Resistor RDRP is connected between the VDRP and the
VFB pins. At no-load, the VDRP and the VFB pins will both
be at the DAC voltage so this resistor will conduct zero
current. However, at full-load, the voltage at the VDRP pin
will increase proportional to the output inductor’s current
while VFB will still be regulated to the DAC voltage. Current
will be conducted from VDRP to VFB by RDRP. This current
will be large enough to supply the VFB bias current and cause
a voltage drop from VFB to VCORE across RF1 - the
converter’s output voltage will be reduced. This condition is
shown in Figure 34.
To determine the value of RDRP the designer must specify
the full-load voltage reduction from the VID (DAC) setting
(
∆VCORE,FULL- LOAD) and predict the voltage increase at
the VDRP pin at full-load. Usually, the full-load voltage
reduction is specified in the design guide for the processor
that is available from the manufacturer. To predict the
voltage increase at the VDRP pin at full-load (∆VDRP), the
designer must consider the output inductor’s resistance
(RL), the PCB trace resistance between the current sense
points (RPCB), and the controller IC’s gain from the current
sense to the VDRP pin (GVDRP).
DVDRP + IO,MAX @ (RL ) RPCB) @ GVDRP (30)
The value of RDRP can then be calculated.
RDRP +
DVDRP
(IBIASVFB ) DVCORE,FULL- LOAD RF1)
(31)
∆VCORE,FULL- LOAD is the full-load voltage reduction
from the VID (DAC) setting.
∆VCORE,FULL- LOAD is not the
voltage change from the no-load AVP setting.
+
-
Σ
RS1
CS1
CS1
L1
0 A
GVDRP
+
-
RS2
CS2
CS2
L2
0 A
GVDRP
CSREF
COMP
Error
Amp
VID Setting
IBIASVFB
RDRP
RF1
VDRP = VID
VFB = VID
VCORE
IDRP = 0
IFBK = IBIASVFB
VCORE = VID + IBIASVFB w RF1
Figure 33. AVP Circuitry at No-Load
+ -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com