Electronic Components Datasheet Search
  English  ▼

X  

NCP5331 Datasheet(PDF) 33 Page - ON Semiconductor

Part # NCP5331
Description  Two-Phase PWM Controller with Integrated Gate Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5331 Datasheet(HTML) 33 Page - ON Semiconductor

Back Button NCP5331 Datasheet HTML 29Page - ON Semiconductor NCP5331 Datasheet HTML 30Page - ON Semiconductor NCP5331 Datasheet HTML 31Page - ON Semiconductor NCP5331 Datasheet HTML 32Page - ON Semiconductor NCP5331 Datasheet HTML 33Page - ON Semiconductor NCP5331 Datasheet HTML 34Page - ON Semiconductor NCP5331 Datasheet HTML 35Page - ON Semiconductor NCP5331 Datasheet HTML 36Page - ON Semiconductor NCP5331 Datasheet HTML 37Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
NCP5331
http://onsemi.com
33
First, use Equation 15 to calculate the voltage across the
output inductor due to the 52 A load current being shared
equally between the two phases.
(15)
DVLo + VIN * VCORE,NO- LOAD
) (IO,MAX 2) @ ESROUT NOUT
+ 12 V * 1.575 V ) 52 A 2 @ 19 mW 6
+ 10.51 V
Second, use Equation 16 to determine the rate of current
increase in the output inductor when the load is applied (i.e.,
Lo has decreased to 88% due to the dc current).
dILo dt + DVLo Lo
+ 10.51 V 729 nH + 14.4 V ms
(16)
Finally, use Equation 17 and Equation 18 to calculate the
minimum input inductance value.
DVCi + ESRIN NIN @ dILo dt @ D fSW
+ 13 mW 5 @ 14.4 V ms @ 0.146 200 kHz
+ 28 mV
(17)
LiMIN + DVCi dIIN dtMAX
+ 28 mV 0.50 A ms + 55 nH
(18)
Next, choose the small, cost effective T30-26 core from
Micrometals (33.5 nH/N2) with #16 AWG. The design
requires only 1.28 turns to achieve the minimum inductance
value. We allow for inductance “swing” at full-load by
using three turns. The input inductor’s value will be
Li + 32 @ 33.5 nH N2 + 301 nH
This inductor is available as part number CTX15-14771
from Coiltronics.
5. MOSFET & Heatsink Selection
For the upper MOSFET we choose two (1) NTD60N03
and for the lower MOSFETs we choose two (2) NTD80N02,
both are from ON Semiconductor. The following parameters
are derived from the data sheets.
NCP5331 Parameter
Value
Gate Drive Current
1.5 A for 1.0
µs
Upper Gate Voltage
6.5 V
Lower Gate Voltage
11.5 V
Gate Nonoverlap Time
65 ns
Parameter
NTD60N03
NTD80N02
RDS(on)
8.0 m
Ω @ 6.5 V
5.0 m
Ω @ 10 V
QSWITCH
27 nC
26 nC
QRR
43 nC
36 nC
QOSS
12 nC
12 nC
VF,diode
0.75 V @ 2.3 A
0.92 V @ 20 A
θJC
1.65
°C/W
1.65
°C/W
The rms value of the current in the control MOSFET is
calculated from Equation 20 and the previously derived
values for D, ILMAX, and ILMIN at the converter’s maximum
output current.
+ 0.097 @ [(29.62 ) 29.6 @ 22.4 ) 22.42) 3]1 2
(20)
IRMS,CNTL + [D @ (ILo,MAX2 ) ILo,MAX @ ILo,MIN
) ILo,MIN2) 3]1 2
+ 2.53 ARMS
Equation 19 is used to calculate the power dissipation of
the control MOSFET but has been modified for one upper
and two lower MOSFETs.
PD,CONTROL + {(IRMS,CNTL2) @ RDS(on)}
) (ILo,MAX @ Qswitch Ig @ VIN @ fSW)
) (3 @ Qoss 2 @ VIN @ fSW) ) (VIN @ QRR @ fSW)
(19)
+ {2.532 ARMS @ 8.0 mW}
) (29.6 A @ 27 nC 1.5 A @ 12 V @ 200 kHz)
) (3 @ 12 nC 2 @ 12 V @ 200 kHz)
) (12 V @ 43 nC @ 200 kHz)
+ 0.051 W ) 1.28 W ) 0.043 W ) 0.10 W
+ 1.48 W per FET
The rms value of the current in the synchronous MOSFET
is calculated from Equation 27 and the previously derived
values for D, ILo,MAX, and ILo,MIN at the converter’s
maximum output current.
(27)
IRMS,SYNCH + [(1 * D) @
(ILo,MAX2 ) ILo,MAX @ ILo,MIN ) ILo,MIN2) 3]1 2
+ (1 * 0.097) @ [(29.62 ) 29.6 @ 22.4 ) 22.42) 3]1 2
+ 23.5 ARMS (shared by two synchronous MOSFETs)
Equation 26 is used to calculate the power dissipation of
each synchronous MOSFET. Note: The rms current is
shared by the two lower MOSFETs so the total rms current
is divided by two in the following equation. Also, during the
nonoverlap time, the per-phase current is shared by two
body diodes so the full load current is divided between two
phases and two forward body diodes per phase.
PD,SYNCH + (IRMS,SYNCH2 @ RDS(on))
) (Vfdiode @ IO,MAX 2 @ t_nonoverlap @ fSW)
(26)
+ (23.5 2)2 ARMS @ 5.0 mW
) 0.92 V @ (52 A 2 2) @ 65 ns @ 200 kHz
+ 0.69 W ) 0.16 W + 0.85 W per FET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com