Electronic Components Datasheet Search
  English  ▼

X  

NCP5331 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP5331
Description  Two-Phase PWM Controller with Integrated Gate Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5331 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP5331 Datasheet HTML 2Page - ON Semiconductor NCP5331 Datasheet HTML 3Page - ON Semiconductor NCP5331 Datasheet HTML 4Page - ON Semiconductor NCP5331 Datasheet HTML 5Page - ON Semiconductor NCP5331 Datasheet HTML 6Page - ON Semiconductor NCP5331 Datasheet HTML 7Page - ON Semiconductor NCP5331 Datasheet HTML 8Page - ON Semiconductor NCP5331 Datasheet HTML 9Page - ON Semiconductor NCP5331 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
NCP5331
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (continued) (0
°C < TA < 70°C; 0°C < TJ < 125°C; 9.0 V < VCCL < 16 V; 9.0 V < VCCH < 20 V;
9.0 V < VCCL1 = VCCL2 < 14 V; CGATE = 3.3 nF, RROSC = 32.4 kΩ, CCOMP = 1.0 nF, C5V(REF) = 0.1 µF, DAC Code 01110 (1.2 V),
CVCC = 1.0 µF, 0.25 V ≤ ILIM ≤ 1.0 V; unless otherwise noted)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Voltage Identification DAC (continued)
-SEN Bias Current
LGND < 55 mV, All DAC Codes
40
80
120
µA
-SEN Offset from GND
-
-150
-
200
mV
Power Good Output
Internal Delay Time
-
175
290
425
µs
PWRGD Low Output Voltage
IPGD = 4.0 mA
-
250
400
mV
Output Leakage Current
VPGD = 5.5 V
-
0.1
2.0
µA
VCORE/CSREF Comparator
Threshold Voltage
Tolerance from DAC Setting
-15%
-12.5%
-10%
%
CPGD Charge Current
ROSC = 32.4 kΩ
14.5
16
17.5
µA
CPGD Comparator Threshold
Voltage
-
2.8
3.0
3.2
V
CPGD External Delay Time
CPGD = 0.033 µF. Note 1.
4.8
6.0
7.8
ms
Voltage Feedback Error Amplifier
VFB Bias Current
0.7 V < VFB < 1.6 V. Note 2.
9.4
10.3
11.1
µA
COMP Source Current
COMP = 0.5 V to 2.0 V; VFB = 0.8 V
15
30
60
µA
COMP Sink Current
COMP = 0.5 V to 2.0 V; VFB = 1.5 V
15
30
60
µA
COMP Discharge Threshold
Voltage
-
0.20
0.33
0.40
V
Transconductance
-10
µA < ICOMP < +10 µA
-
32
-
mmho
Output Impedance
-
-
2.5
-
M
Ω
Open Loop Dc Gain
Note 1.
60
90
-
dB
Unity Gain Bandwidth
CCOMP = 0.01 µF
-
400
-
kHz
PSRR @ 1.0 kHz
-
-
70
-
dB
COMP Max Voltage
VFB = 0.8 V, COMP Open
4.1
4.4
-
V
COMP Min Voltage
VFB = 1.5 V, COMP Open
-
0.1
0.2
V
Hiccup Latch Discharge Current
-
4.0
7.5
13
µA
Hiccup Latch Charge/Discharge
Ratio
-
-
4.0
-
-
PWM Comparators
Minimum Pulse Width
CS1 = CS2 = CSREF
-
235
280
ns
Channel Start-Up Offset
CS1 = CS2 = VFB = CSREF = 0 V;
Measure COMP when GHx switch High
0.45
0.60
0.80
V
Overcurrent Shutdown Timer
Overcurrent Shutdown Voltage
Threshold
-
2.8
3.0
3.2
V
COVC Low Output Voltage
-
-
250
400
mV
COVC Source Current
-
3.0
5.0
8.0
µA
1. Guaranteed by design. Not tested in production.
2. The VFB Bias Current changes with the value of ROSC per Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com