Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 68 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 68 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 64Page - Dallas Semiconductor DS3172 Datasheet HTML 65Page - Dallas Semiconductor DS3172 Datasheet HTML 66Page - Dallas Semiconductor DS3172 Datasheet HTML 67Page - Dallas Semiconductor DS3172 Datasheet HTML 68Page - Dallas Semiconductor DS3172 Datasheet HTML 69Page - Dallas Semiconductor DS3172 Datasheet HTML 70Page - Dallas Semiconductor DS3172 Datasheet HTML 71Page - Dallas Semiconductor DS3172 Datasheet HTML 72Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
68 of 231
Figure 10-8. Performance Monitor Update Logic
GL.SR.GPMS
PORT.SR.PMS
PORT.CR1.PMU
PORT.CR1.PMUM
1
0
00
01
1X
GL.CR1.GPM
GL.CR1.GPMU
GPIO8(GPMU) PIN
ONE SEC
PERF
COUNTER
other port counters
other ports
PMU PMS
GTZ
10.4.6 Transmit Manual Error Insertion
Transmit errors can be inserted in some of the functional blocks. These errors can be inserted using register bits in
the functional blocks, using the global GL.CR1.TMEI bit, using the port PORT.CR1.TMEI bit, or by using the GPIO6
pin configured for TMEI mode.
There is a transmit error insertion register in the functional blocks that allow error insertion. The MEIMS bit controls
whether the error is inserted using the bits in the error insertion register or using error insertion signals external to
that block. When bit MEIMS=0, errors are inserted using other bits in the transmit error insertion register. When bit
MEIMS=1, errors are inserted using a signal generated in the port or global control registers or using the external
GPIO6 pin configured for TMEI operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com