Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 95 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 95 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 91Page - Dallas Semiconductor DS3172 Datasheet HTML 92Page - Dallas Semiconductor DS3172 Datasheet HTML 93Page - Dallas Semiconductor DS3172 Datasheet HTML 94Page - Dallas Semiconductor DS3172 Datasheet HTML 95Page - Dallas Semiconductor DS3172 Datasheet HTML 96Page - Dallas Semiconductor DS3172 Datasheet HTML 97Page - Dallas Semiconductor DS3172 Datasheet HTML 98Page - Dallas Semiconductor DS3172 Datasheet HTML 99Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
95 of 231
Table 10-30. Payload Label Match Status
EXPECTED
RECEIVED
STATUS
000
000
Match
000
001
Mismatch
000
XXX
Mismatch
001
000
Mismatch
001
001
Match
001
XXX
Match
XXX
000
Mismatch
XXX
001
Match
XXX
XXX
Match
XXX
YYY
Mismatch
XXX and YYY equal any value other than 000 or 001; XXX
¹ YYY
The multiframe indicator and timing marker bits (sixth, seventh, and eighth bits of the MA byte) can be integrated
and stored in three register bits or extracted, integrated, and stored in four register bits. The bits (three or four) are
stored with a change indication. The multiframe indicator and timing marker storage type is programmable
(integrated or extracted). When the multiframe indicator and timing marker bits are integrated, the last three bits of
the MA byte are integrated and stored in three register bits. When the multiframe indicator and timing marker bits
are extracted, four timing source indicator bits are transferred in a four-frame multiframe, MSB first. The multiframe
indicator bits (sixth and seventh bits of the MA byte) identify the phase of the multiframe (00, 01, 10, or 11). The
timing marker bit (eighth bit of the MA byte) contains the timing source indicator bit indicated by the multiframe
indicator bits (first, second, third, or fourth bit respectively). The four timing source indicator bits are extracted from
the multiframe, integrated, and stored in four register bits with unstable and change indications.
The NR byte is integrated and stored in a register along with a change indication, it is sent to the receive FEAC
controller, and it can be sent to the receive HDLC controller. The byte sent to the receive HDLC controller is
programmable (NR or GC).
The GC byte is integrated and stored in a register along with a change indication, and can be sent to the receive
HDLC controller. The byte sent to the receive HDLC controller is programmable (NR or GC).
10.6.8.10 Receive G.832 Downstream AIS Generation
Downstream G.832 E3 AIS can be automatically generated on an OOF, LOS, or AIS condition or manually
inserted. If automatic downstream AIS is enabled, downstream AIS is inserted when an LOS, OOF, or AIS
condition is declared. Automatic downstream AIS is programmable (on or off). If manual downstream AIS insertion
is enabled, downstream AIS is inserted. Manual downstream AIS insertion is programmable (on or off).
Downstream AIS is removed when all OOF, LOS, and AIS conditions are terminated and manual downstream AIS
insertion is disabled. RPDT will be forced to all ones during downstream AIS.
10.7 HDLC Overhead Controller
10.7.1 General Description
The DS3174,3,2,1 devices contain built-in HDLC controllers (one per port) with 256 byte FIFOs for
insertion/extraction of DS3 PMDL, G.751 Sn bit and G.832 NR/GC bytes.
The HDLC Overhead Controller demaps HDLC overhead packets from the DS3/E3 data stream in the receive
direction and maps HDLC packets into the DS3/E3 data stream in the transmit direction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com