Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 41 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 41 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 37Page - Dallas Semiconductor DS3172 Datasheet HTML 38Page - Dallas Semiconductor DS3172 Datasheet HTML 39Page - Dallas Semiconductor DS3172 Datasheet HTML 40Page - Dallas Semiconductor DS3172 Datasheet HTML 41Page - Dallas Semiconductor DS3172 Datasheet HTML 42Page - Dallas Semiconductor DS3172 Datasheet HTML 43Page - Dallas Semiconductor DS3172 Datasheet HTML 44Page - Dallas Semiconductor DS3172 Datasheet HTML 45Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
41 of 230
Figure 8-13. DS3 SCT Mode Transmit Serial Interface Pin Timing
TCLKO or
TCLKI
DS3 TSER
DS3 TDEN
TSOFO
DS3 TGCLK
TSOFI
TSER DATA IS OVERWRITTEN WITH OH
6
7
8
9
10 11 12 13
12345
14 15
Figure 8-14. E3 G.751 SCT Mode Transmit Serial Interface Pin Timing
E3 TSER
E3 TDEN
E3 TGCLK
TCLKO or
TCLKI
TSOFO
TSOFI
TSER DATA IS OVERWRITTEN WITH OH
6
7
8
9
10 11 12 13
12
345
14 15
Figure 8-15. E3 G.832 SCT Mode Transmit Serial Interface Pin Timing
E3 TSER
E3 TDEN
E3 TGCLK
TCLKO or
TCLKI
TSOFO
TSER DATA IS OVERWRITTEN WITH OH
TSOFI
6
7
8
9
10 11 12 13
12345
14 15 16 17 18 19 20
8.3.3.2
DS3/E3 SCT Mode Receive Serial Interface Pin Functional Timing
The RSERn signal has the DS3 or E3 payload as well as the DS3 or E3 overhead bits. The RDENn signal is used
to enable external logic for payload processing and will be high during the DS3 or E3 payload bits and low during
the DS3 or E3 overhead bits. The RGCLKn signal can also be used to clock only the DS3 or E3 payload bits into
external logic since the clock is stopped during the DS3 or E3 overhead bits. The RSOFOn signal marks the first
overhead bit of the DS3 or E3 frame.
Figure 8-16 to Figure 8-18 show the relationship between the SCT receive port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com