Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 83 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 83 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 79Page - Dallas Semiconductor DS3172 Datasheet HTML 80Page - Dallas Semiconductor DS3172 Datasheet HTML 81Page - Dallas Semiconductor DS3172 Datasheet HTML 82Page - Dallas Semiconductor DS3172 Datasheet HTML 83Page - Dallas Semiconductor DS3172 Datasheet HTML 84Page - Dallas Semiconductor DS3172 Datasheet HTML 85Page - Dallas Semiconductor DS3172 Datasheet HTML 86Page - Dallas Semiconductor DS3172 Datasheet HTML 87Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
83 of 231
P-bit parity errors are determined by calculating the parity of the current DS3 frame (payload bits only), and
comparing the calculated parity to the P-bits (P1 and P2) in the next DS3 frame. If the calculated parity does not
match P1 or P2, a single P-bit parity error is declared.
C-bit parity errors (C-bit format only) are determined by calculating the parity of the current DS3 frame (payload bits
only), and comparing the calculated parity to the C-bits in subframe three (C31, C32, and C33) in the next DS3 frame.
If the calculated parity does not match C31, C32, or C33, a single C-bit parity error is declared.
FEBE errors (C-bit format only) are determined by the C-bits in subframe four (C41, C42, and C43). A value of 111
indicates no error and any other value indicates an error.
The receive alarm indication (RAI) bit will be set high in the transmitter when one or more of the indicated alarm
conditions is present, and low when all of the indicated alarm conditions are absent. Setting the receive alarm
indication on LOS, SEF, LOF, or AIS is individually programmable (on or off).
The Application Identification Channel (AIC) is stored in a register bit. It is determined from the C11 bit. The AIC is
set to one (C-bit format) if the C11 bit is set to one in thirty-one consecutive multiframes. The AIC is set to zero (M23
format) if the C11 bit is set to zero in four of the last thirty-one consecutive multiframes. Note: The stored AIC bit
must not change when an LOS, OOF, or AIS condition is present.
A FEBE is transmitted by default upon reception of a DS3 frame in which a C-bit parity error or a framing error is
detected and counted.
10.6.5 C-bit DS3 Framer/Formatter
10.6.5.1 Transmit C-bit DS3 Frame Processor
The C-bit DS3 frame format is shown in Figure 10-14.
Figure 10-14. DS3 Frame Format
680 Bits
7 Sub-
Frames
X
1
X
2
P
1
P
2
M
1
M
2
M
3
F
11
F
21
F
31
F
41
F
51
F
61
F
71
F
12
F
22
F
32
F
42
F
52
F
62
F
72
F
13
F
23
F
33
F
43
F
53
F
63
F
73
F
14
F
24
F
34
F
44
F
54
F
64
F
74
C
11
C
21
C
31
C
41
C
51
C
61
C
71
C
12
C
22
C
32
C
42
C
52
C
62
C
72
C
13
C
23
C
33
C
43
C
53
C
63
C
73
Table 10-27 shows the function of each overhead bit in the DS3 Frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com