Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 36 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 36 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 32Page - Dallas Semiconductor DS3172 Datasheet HTML 33Page - Dallas Semiconductor DS3172 Datasheet HTML 34Page - Dallas Semiconductor DS3172 Datasheet HTML 35Page - Dallas Semiconductor DS3172 Datasheet HTML 36Page - Dallas Semiconductor DS3172 Datasheet HTML 37Page - Dallas Semiconductor DS3172 Datasheet HTML 38Page - Dallas Semiconductor DS3172 Datasheet HTML 39Page - Dallas Semiconductor DS3172 Datasheet HTML 40Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
36 of 230
8.3 Pin Functional Timing
8.3.1 Line IO
8.3.1.1
B3ZS/HDB3/AMI Mode Transmit Pin Functional Timing
There is no suggested time alignment between the TXPn, TXNn and TX LINE signals and the TLCLKn clock signal.
The TX DATA signal is not a readily available signal, it is meant to represent the data value of the other signals.
The TXPn and TXNn signals are only available when the line is in B3ZS/HDB3 or AMI mode and the LIU is
enabled. The TPOSn, TNEGn and TLCLKn signals are only available when the line is in B3ZS/HDB3 or AMI mode
and the transmit line pins are enabled. The TPOSn, TNEGn and TLCLKn pins can be enabled at the same as the
LIU is enabled.
The TPOSn and TNEGn signals change a small delay after the positive edge of the reference clock if the clock pin
is not inverted; otherwise they change after the negative edge. The TLCLKn clock pin is the clock reference
typically used for the TPOSn and TNEGn signals, but they can be time referenced to the TCLKIn, TCLKOn,
RLCLKn or RCLKOn clock pins. The TPOSn and TNEGn pins can be inverted, but the polarity of TXPn and TXNn
cannot be inverted.
TXPn and TXNn are differential analog output pins. They are biased around ½ VDD and pulse above and below
the bias voltage by about 1 Volt. These signals are connected to the windings of a 1:2 step down transformer and
the other winding of the transformer creates the TX LINE signal. The TX LINE signal is a bipolar signal that pulses
about 1 Volt positive and 1 Volt negative above and below ground (0 volts). See Figure 1-1 for a diagram of the
external connections.
Figure 8-1 and Figure 8-2 show the relationship between the analog and the digital outputs.
Figure 8-1. TX Line IO B3ZS Functional Timing Diagram
TLCLK
TPOS
TNEG
(TX DATA)
B3ZS CODEWORD
(TX LINE)
+
-
TXP
TXN
V
V
B
B
B
V
BV
0 V
BIAS V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com