| Electronic Components Datasheet Search |
|
DS3172 Datasheet(PDF) 99 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS3172 Datasheet(HTML) 99 Page - Dallas Semiconductor |
|
99 / 232 page ![]() DS3171/DS3172/DS3173/DS3174 99 of 231 10.8 Trail Trace Controller 10.8.1 General Description Each port has a dedicated Trail Trace Buffer for E3-G.832 link management The Trail Trace Controller performs extraction and storage of the incoming G.832 trail access point identifier in a 16-byte receive register. The Trail Trace Controller extracts/inserts E3-G.832 trail access point identifiers using a 16-byte register(one for transmit, one for receive). The Trail Trace Controller demaps a 16-byte trail trace identifier from the E3-G.832 TR Byte of the overhead in the receive direction and maps a trace identifier into the E3-G.832 datastream in the transmit direction. The receive direction inputs the trace ID data stream, performs trace ID processing, and stores the trace identifier data in the data storage using line timing. It removes trace identifier data from the data storage and outputs the trace identifier data to the microprocessor via the microprocessor interface using register timing. The data is forced to all ones during LOS, LOF and AIS detection to eliminate false messages The transmit direction inputs the trace identifier data from the microprocessor via the microprocessor interface and stores the trace identifier data in the data storage using register timing. It removes the trace identifier data from the data storage, performs trace ID processing, and outputs the trace ID data stream. Refer to Figure 10-21 for the location of the Trail Trace Controller with the DS317x devices. Figure 10-21. Trail Trace Controller Block Diagram 10.8.2 Features · Programmable trail trace ID – The trail trace ID controller can be programmed to handle a 16-byte trail trace identifier (trail trace mode). · Programmable transmit trace ID – All sixteen bytes of the transmit trail trace identifier are programmable. · Programmable receive expected trace ID – A 16-byte expected trail trace identifier can be programmed. Both a mismatch and unstable indication are provided. · Programmable trace ID multi-frame alignment – The transmit side can be programmed to perform trail trace multi-frame alignment insertion. The receive side can be programmed to perform trail trace multi-frame synchronization. · Programmable bit reordering – The trace identifier data can be output MSB first or LSB first from the data storage. · Programmable data inversion – The trace identifier data can be inverted immediately after trace ID processing on the transmit side, and immediately before trail ID processing on the receive side. DS3/E3 Transmit LIU IEEE P1149.1 JTAG Test Access Port Microprocessor Interface HDLC FEAC DS3 / E3 Transmit Formatter DS3 / E3 Receive Framer Trail Trace Buffer DS3/E3 Receive LIU TAIS TUA1 Clock Rate Adapter TX BERT RX BERT UA1 GEN B3ZS/ HDB3 Encoder B3ZS/ HDB3 Decoder |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |