| Electronic Components Datasheet Search |
|
DS3172 Datasheet(PDF) 84 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS3172 Datasheet(HTML) 84 Page - Dallas Semiconductor |
|
84 / 232 page ![]() DS3171/DS3172/DS3173/DS3174 84 of 231 Table 10-27. C-Bit DS3 Frame Overhead Bit Definitions Bit Definition X1, X2 Remote Defect Indication (RDI) P1, P2 Parity Bits M1, M2, and M3 Multiframe Alignment Bits FXY Subframe Alignment Bits C11 Application Identification Channel (AIC) C12 Reserved C13 Far-End Alarm and Control (FEAC) signal C21, C22, and C23 Unused C31, C32, and C33 C-bit parity bits C41, C42, and C43 Far-End Block Error (FEBE) bits C51, C52, and C53 Path Maintenance Data Link (or HDLC) bits C61, C62, and C63 Unused C71, C72, and C73 Unused X1 and X2 are the Remote Defect Indication (RDI) bits (also referred to as the far-end SEF/AIS bits). P1 and P2 are the parity bits used for line error monitoring. M1, M2, and M3 are the multiframe alignment bits. FXY are the subframe alignment bits. C11 is the Application Identification Channel (AIC). C12 is reserved for future network use, and has a value of one. C13 is the Far-End Alarm and Control (FEAC) signal. C21, C22, and C23 are unused, and have a value of one. C31, C32, and C33 are the C-bit parity bits used for path error monitoring. C41, C42, and C43 are the Far-End Block Error (FEBE) bits used for remote path error monitoring. C51, C52, and C53 are the path maintenance data link (or HDLC) bits. C61, C62, and C63 are unused, and have a value of one. C71, C72, and C73 are unused, and have a value of one. The X-bit, P-bit, M-bit, C-bit, and F-bit positions are overhead bits, and the other bit positions in the T3 frame are payload bits regardless of how they are marked by TDEN. 10.6.5.2 Transmit C-bit DS3 Frame Generation C-bit DS3 frame generation receives the incoming payload data stream, and overwrites all of the overhead bit locations. The multiframe alignment bits (M1, M2, and M3) are overwritten with the values zero, one, and zero (010) respectively. The subframe alignment bits (FX1, FX2, FX3, and FX4) are overwritten with the values one, zero, zero, and one (1001) respectively. The X-bits (X1 and X2) are both overwritten with the Remote Defect Indicator (RDI). The RDI source is programmable (automatic, 1, or 0). If the RDI is generated automatically, the X-bits are set to zero when one or more of the indicated alarm conditions is present, and set to one when all of the indicated alarm conditions are absent. Automatically setting RDI on LOS, SEF, LOF, or AIS is individually programmable (on or off). The P-bits (P1 and P2) are both overwritten with the calculated payload parity from the previous DS3 frame. The payload parity is calculated by performing modulo 2 addition of all of the payload bits after all frame processing has been completed. P-bit generation is programmable (on or off). The P-bits will be generated if either P-bit generation is enabled or frame generation is enabled. The bits C11, C12, C21, C22, C23, C61, C62, C63, C71, C72, and C73 are all overwritten with a one. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |