Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 33 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 33 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 29Page - Dallas Semiconductor DS3172 Datasheet HTML 30Page - Dallas Semiconductor DS3172 Datasheet HTML 31Page - Dallas Semiconductor DS3172 Datasheet HTML 32Page - Dallas Semiconductor DS3172 Datasheet HTML 33Page - Dallas Semiconductor DS3172 Datasheet HTML 34Page - Dallas Semiconductor DS3172 Datasheet HTML 35Page - Dallas Semiconductor DS3172 Datasheet HTML 36Page - Dallas Semiconductor DS3172 Datasheet HTML 37Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
33 of 230
PIN NAME
TYPE
PIN DESCRIPTION
the clock. The signal is typically referenced to the RCLKOn receive clock output pin,
but it can be referenced to the RLCLKn clock input pin.
This signal can be inverted.
RDENn: When the port framer is configured for the DS3 or E3 framed modes and the
RDENn pin function is enabled, this signal is used to indicate the DS3/E3 payload bit
positions of the data on the RSERn pin. The signal goes high during each DS3/E3
payload bit and goes low during each DS3/E3 overhead bit. The signal is updated on
the positive clock edge of the referenced clock pin if the clock pin signal is not
inverted, otherwise it is updated on the falling edge of the clock. The signal is typically
referenced to the RCLKOn receive clock output pin, but it can be referenced to the
RLCLKn clock input pin.
This signal can be inverted.
Microprocessor Interface
D[15:0]
IO
Bi-directional 16 or 8-bit data bus
This bus is tri-state when
RST pin is low or CS pin is high.
D[15:0]: A 16-bit or 8-bit data bus used to input data during register writes, and data
outputs during register reads. The upper 8 bits are not used and never driven in 8-bit
bus mode.
Weak pull up resistors or bus holders should be used for each pin.
A[10:1]
I
Address bus (minus LSB)
A[10:1]: identifies the specific 16 bit registers, or group of 8 bit registers, being
accessed. A[10] must be tied to ground for the DS3181 and DS3182 versions.
A[0] /
BSWAP
Address bus LSB / Byte Swap
A[0]: This signal is connected to the lower address bit in 8-bit systems. (WIDTH=0)
1 = Output register bits 15:8 on D[7:0], D[15:8] not driven
0 = Output register bits 7:0 on D[7:0], D[15:8] not driven
BSWAP: This signal is tied high or low in 16-bit systems.
(WIDTH=1)
1 = Output register bits 15:8 on D[7:0], 7:0 on D[15:8]
0 = Output register bits 7:0 on D[7:0], 15:8 on D[15:8]
ALE
I
Address Latch Enable
ALE: This signal is used to latch the address on the A[10:0] pins in multiplexed
address systems. When it is high the address is fed through the address latch to the
internal logic. When it transitions to low, the address is latched and held internally
until the signal goes back high. ALE should be tied high for non-multiplexed address
systems.
CS
I
Chip Select (active low)
CS: This signal must be low during all accesses to the registers
RD /
DS
I
Read Strobe (active low) / Data Strobe (active low)
RD: Read Strobe mode (MODE=0):
RD is low during a register read.
DS: Data Strobe mode (MODE=1):
DS is low during either a register read or a write.
WR /
R/
W
I
Write Strobe (active low) / R/W Select
WR: Write Strobe mode (MODE=0):
WR is low during a register write.
R/
W: Data Strobe mode (MODE=1):
R/
W is high during a register read cycle, and low during a register write cycle.
RDY
Oz
Ready handshake (active low)
RDY: This ready signal is driven low when the current read or write cycle is in
progress. When the current read or write cycle is not ready it is driven high. When
device is not selected, it is not driven.
INT
Oz
Interrupt (active low)
This signal is tri-state when
RST pin is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com