Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 26 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 26 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 22Page - Dallas Semiconductor DS3172 Datasheet HTML 23Page - Dallas Semiconductor DS3172 Datasheet HTML 24Page - Dallas Semiconductor DS3172 Datasheet HTML 25Page - Dallas Semiconductor DS3172 Datasheet HTML 26Page - Dallas Semiconductor DS3172 Datasheet HTML 27Page - Dallas Semiconductor DS3172 Datasheet HTML 28Page - Dallas Semiconductor DS3172 Datasheet HTML 29Page - Dallas Semiconductor DS3172 Datasheet HTML 30Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
26 of 230
NAME
TYPE
FUNCTION
PIN #
Microprocessor Interface
D[15]
D[14]
D[13]
D[12]
D[11]
D[10]
D[9]
D[8]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
IO
Data [15:0]
J5
T4
R4
P4
N4
V3
U3
T3
P3
N3
W2
U2
T2
P2
U1
P1
A[10]
A[9]
A[8]
A[7]
A[6]
A[5]
A[4]
A[3]
A[2]
A[1]
I
Address [10:1]
C3
D3
E3
G3
H3
D2
E2
G2
H2
E1
A[0] / BSWAP
Address [0] / Byte Swap
H1
ALE
I
Address Latch Enable
N2
CS
I
Chip Select (active low)
L3
RD / DS
I
Read Strobe (active low) / Data Strobe (active
low)
K3
WR / R/W
I
Write Strobe (active low) / R/
W Select
K4
RDY
Oz
Ready handshake (active low)
K2
INT
Oz
Interrupt (active low)
L4
MODE
I
Mode select RD/WR or DS strobe mode
B1
WIDTH
I
WIDTH select 8 or 16-bit interface
L5
Misc I/O
GPIO[8]
GPIO[7]
GPIO[6]
GPIO[5]
GPIO[4]
GPIO[3]
GPIO[2]
GPIO[1]
IO
General-Purpose IO [8:1]
V2
V1
C2
C1
P5
R5
G5
F5
TEST
I
Test enable (active low)
M3
HIZ
I
High impedance test enable (active low)
R3
RST
I
Reset (active low)
B16
JTAG
JTCLK
I
JTAG Clock
F3
JTMS
Ipu
JTAG Mode Select (with pull-up)
F4
JTDI
Ipu
JTAG Data Input (with pull-up)
J3
JTDO
Oz
JTAG Data Output
G4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com