Electronic Components Datasheet Search
  English  ▼

X  

AD6688 Datasheet(PDF) 32 Page - Analog Devices

Part # AD6688
Description  RF Diversity and 1.2 GHz Bandwidth Observation Receiver
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6688 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD6688 Datasheet HTML 28Page - Analog Devices AD6688 Datasheet HTML 29Page - Analog Devices AD6688 Datasheet HTML 30Page - Analog Devices AD6688 Datasheet HTML 31Page - Analog Devices AD6688 Datasheet HTML 32Page - Analog Devices AD6688 Datasheet HTML 33Page - Analog Devices AD6688 Datasheet HTML 34Page - Analog Devices AD6688 Datasheet HTML 35Page - Analog Devices AD6688 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 138 page
background image
AD6688
Data Sheet
Rev. 0 | Page 32 of 138
Clock Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality
of the clock input. The degradation in SNR at a given input
frequency (fA) due only to aperture jitter (tJ) can be calculated by
SNRJITTER = −20 × log10 (2 × π × fA × tJ)
In this equation, the rms aperture jitter represents the root
mean square of all jitter sources, including the clock input,
analog input signal, and ADC aperture jitter specifications.
Treat the clock input as an analog signal in cases where aperture
jitter can affect the dynamic range of the AD6688. Separate
power supplies for clock drivers from the ADC output driver
supplies to avoid modulating the clock signal with digital noise.
If the clock is generated from another type of source (by gating,
dividing, or other methods), retime the clock by the original clock
at the last step. Refer to the AN-501 Application Note and the
AN-756 Application Note for more in-depth information about
jitter performance as it relates to ADCs.
The SNR can be estimated by using the following equation:
+
−
=


 −
 −
10
10
10
10
10
10log
(dBFS)
JITTER
ADC
SNR
SNR
SNR
POWER-DOWN/STANDBY MODE
The AD6688 has a PDWN/STBY pin that can configure the device
in power-down or standby mode. The default operation is PDWN.
The PDWN/STBY pin is a logic high pin. When in power-down
mode, the JESD204B link is disrupted. The power-down option
can also be set via Register 0x003F and Register 0x0040.
In standby mode, the JESD204B link is not disrupted and
transmits zeros for all converter samples. This can be changed
using Register 0x0571, Bit 7 to select /K/ characters.
TEMPERATURE DIODE
The AD6688 contains diode-based temperature sensors. The
diodes output voltages commensurate to the temperature of the
silicon. There are multiple diodes on the die; however, the
results established using the temperature diode at the central
location of the die can be regarded as representative of the
entire die. However, in applications where only one channel is
used (the other being in the power-down state), it is recommended
to read the temperature diode corresponding to the channel
that is on. Figure 59 shows the locations of the diodes inside the
AD6688 whose voltages can be output to the VREF pin. In each
location, there is a pair of diodes, one of which is 20× the size of
the other. It is recommended to use both diodes in a location to
obtain an accurate estimate of the die temperature. For more
information, see the AN-1432 Application Note, Practical Thermal
Modeling and Measurements in High Power ICs.
ADC
A
ADC
B
DIGITAL
JESD204B DRIVER
ADC
TEMPERATURE DIODE
LOCATIONS
CHANNEL A, CENTRAL,
CHANNEL B
VREF
Figure 59. Temperature Diode Locations in the Die
The temperature diode voltages can be exported to the VREF
pin using the SPI. Use Register 0x18E6 to enable or disable the
diodes. It is important to note that other voltages can be
exported to the VREF pin at the same time, which can result in
undefined behavior. To ensure a proper readout, switch off all
other voltage exporting circuits as detailed in this section.
Figure 60 shows the block diagram representation of the
controls that are required to enable the diode voltage readout.
VREF
VREF
CONTROL
SPI REGISTER
(0x18A6)
TEMPERATURE DIODE
LOCATION SELECT
SPI REGISTER (0x18E6)
CHANNEL A
CENTRAL
CHANNEL B
Figure 60. Register Controls to Output Temperature Diode Voltage on VREF Pin
The SPI writes required to export the central temperature diode
are as follows (see the Memory Map Register Details for more
information):
1. Set Register 0x0008 to 0x03 to select both channels.
2. Set Register 0x18E3 to 0x00 to turn off the VCM export.
3. Set Register 0x18A6 to 0x00 to turn off the voltage
reference export.
4. Set Register 0x18E6 to 0x01 to turn on voltage export of
the central 1× temperature diode. The typical voltage
response of the temperature diode is shown in Figure 61.
Even though this voltage does represent the die
temperature, it is recommended to take measurements
from a pair of diodes for improved accuracy. The following
step explains how to enable the 20× diode.
5. Set Register 0x18E6 to 0x02 to turn on the second central
temperature diode of the pair, which is 20× the size of the
first. For the method utilizing two diodes simultaneously
giving a more accurate result, see the AN-1432 Application
Note, Practical Thermal Modeling and Measurements in
High Power ICs.
The relationship between the measured ΔV and the junction
temperature in degrees Celsius is shown in Figure 62.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com