Electronic Components Datasheet Search
  English  ▼

X  

AD6688 Datasheet(PDF) 76 Page - Analog Devices

Part # AD6688
Description  RF Diversity and 1.2 GHz Bandwidth Observation Receiver
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6688 Datasheet(HTML) 76 Page - Analog Devices

Back Button AD6688 Datasheet HTML 72Page - Analog Devices AD6688 Datasheet HTML 73Page - Analog Devices AD6688 Datasheet HTML 74Page - Analog Devices AD6688 Datasheet HTML 75Page - Analog Devices AD6688 Datasheet HTML 76Page - Analog Devices AD6688 Datasheet HTML 77Page - Analog Devices AD6688 Datasheet HTML 78Page - Analog Devices AD6688 Datasheet HTML 79Page - Analog Devices AD6688 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 138 page
background image
AD6688
Data Sheet
Rev. 0 | Page 76 of 138
Table 34. JESD204B Output Configurations (N' = 12) 1
No. of
Virtual
Converters
Supported
(Same Value
as M)
Serial
Line
Rate2
Supported
Decimation
Rates for
Lane Rate =
1.7 Gbps to
3.4 Gbps
Supported
Decimation
Rates for
Lane Rate =
3.4 Gbps to
6.8 Gbps
Supported
Decimation
Rates for
Lane Rate =
6.8 Gbps to
13.5 Gbps
Supported
Decimation
Rates for
Lane Rate =
13.5 Gbps
to 15.5 Gbps
JESD204B Transport Layer Settings3
L
M
F
S
HD
N
N'
L
K
1
15 × fOUT
3, 6, 12
3, 6, 12
3, 6
1
1
3
2
0
8 to 12
12
0 to 3
See
Note 4
7.5 × fOUT
3, 6
3, 6
3
2
1
3
4
1
8 to 12
12
0 to 3
See
Note 4
7.5 × fOUT
3, 6
3, 6
3
2
1
6
8
0
8 to 12
12
0 to 3
See
Note 4
5 × fOUT
1, 2, 3, 4, 5, 6,
8
1, 2, 3, 4
1, 2
1
3
1
1
2
1
8 to 12
12
0 to 3
See
Note 4
2
30 × fOUT
3, 6, 12, 24
3, 6, 12, 24
3, 6, 12
1
2
3
1
0
8 to 12
12
0 to 3
See
Note 4
15 × fOUT
3, 6, 12
3, 6, 12
3, 6
2
2
3
2
0
8 to 12
12
0 to 3
See
Note 4
10 × fOUT
1, 2, 3, 4, 5, 6,
8, 10, 12, 16
1, 2, 3, 4, 5, 6,
8
1, 2, 3, 4
1, 2
3
2
1
1
1
8 to 12
12
0 to 3
See
Note 4
7.5 × fOUT
3, 6
3, 6
3
4
2
3
4
0
8 to 12
12
0 to 3
See
Note 4
4
60 × fOUT
6, 12, 24, 48
3, 6, 12, 24, 48
3, 6, 12, 24
1
4
6
1
0
8 to 12
12
0 to 3
See
Note 4
30 × fOUT
3, 6, 12, 24
3, 6, 12, 24
3, 6, 12
2
4
3
1
0
8 to 12
12
0 to 3
See
Note 4
20 × fOUT
2, 4, 5, 6, 8, 10,
12, 16, 20, 24
1, 2, 3, 4, 5, 6,
8, 10, 12, 16
1, 2, 3, 4, 5,
6, 8
1, 2, 3, 4
3
4
2
1
1
8 to 12
12
0 to 3
See
Note 4
15 × fOUT
3, 6, 12
3, 6, 12
3, 6
4
4
3
2
0
8 to 12
12
0 to 3
See
Note 4
8
60 × fOUT
6, 12, 24, 48
6, 12, 24, 48
6, 12, 24
2
8
6
1
0
8 to 12
12
0 to 3
See
Note 4
30 × fOUT
6, 12, 24
6, 12, 24
6, 12
4
8
3
1
0
8 to 12
12
0 to 3
See
Note 4
1
Due to the internal clock requirements, only certain decimation rates are supported for certain link parameters.
2
fADC_CLK is the ADC sample rate; DCM is the chip decimation ratio; fOUT is the output sample rate = fADC_CLK/DCM; SLR is the JESD204B serial lane rate. The following equations
must be met due to internal clock divider requirements: SLR ≥ 1.6875 Gbps and SLR ≤ 15.5 Gbps; SLR/40 ≤ fADC_CLK; least common multiple (20 × DCM × fOUT/SLR, DCM) ≤ 64.
When the SLR is ≤ 15500 Mbps and > 13500 Mbps, Register 0x056E must be set to 0x30. When the SLR is ≤ 13500 Mbps and ≥ 6750 Mbps, Register 0x056E must be set
to 0x00. When the SLR is < 6750 Mbps and ≥ 3375 Mbps, Register 0x056E must be set to 0x10. When the SLR is < 3375 Mbps and ≥ 1687.5 Mbps, Register 0x056E must
be set to 0x50.
3
JESD204B transport layer descriptions are as follows: L is the number of lanes per converter device (lanes per link); M is the number of virtual converters per converter
device (virtual converters per link); F is the octets per frame; S is the samples transmitted per virtual converter per frame cycle; HD is the high density mode; N is the
virtual converter resolution (in bits); N' is the total number of bits per sample (JESD204B word size); CS is the number of control bits per conversion sample; K is the
number of frames per multiframe.
4
Only valid K × F values that are divisible by 4 are supported: for F = 1, K = 20, 24, 28, 32; for F = 2, K = 12, 16, 20, 24, 28, 32; for F = 4, K = 8, 12, 16, 20, 24, 28, 32; for F = 8, K = 4,
8, 12, 16, 20, 24, 28, 32; and for F = 16, K = 4, 8, 12, 16, 20, 24, 28, 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com