Electronic Components Datasheet Search
  English  ▼

X  

AD6688 Datasheet(PDF) 65 Page - Analog Devices

Part # AD6688
Description  RF Diversity and 1.2 GHz Bandwidth Observation Receiver
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6688 Datasheet(HTML) 65 Page - Analog Devices

Back Button AD6688 Datasheet HTML 61Page - Analog Devices AD6688 Datasheet HTML 62Page - Analog Devices AD6688 Datasheet HTML 63Page - Analog Devices AD6688 Datasheet HTML 64Page - Analog Devices AD6688 Datasheet HTML 65Page - Analog Devices AD6688 Datasheet HTML 66Page - Analog Devices AD6688 Datasheet HTML 67Page - Analog Devices AD6688 Datasheet HTML 68Page - Analog Devices AD6688 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 138 page
background image
Data Sheet
AD6688
Rev. 0 | Page 65 of 138
DDC POWER CONSUMPTION
Table 28 describes the typical and maximum DVDD and DRVDD1 power for certain DDC modes. fS = 3 GHz in all cases.
Table 29. DDC Power Consumption for Example Configurations
Number of
DDCs
DDC Decimation
Ratio1
Number of
Lanes (L)
Number of Virtual
Converters (M)
Number of Octets
per frame (F)
DVDD Power (mW)
DRVDD1 Power (mW)
Typ
Max
Typ
Max
2
2
8
4
1
615
1190
415
565
2
3
8
4
1
675
1250
310
435
2
4
8
4
1
585
1150
250
370
2
6
4
4
2
590
1145
175
275
2
8
4
4
2
570
1120
145
245
2
12
2
4
4
585
1135
105
205
4
4
8
8
2
745
1350
415
570
4
6
8
8
2
755
1365
305
440
4
8
8
8
2
715
1320
250
370
1
See Table 17 and Table 18 for details on decimation filter selection and associated alias protected bandwidths and SNR improvements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com