Electronic Components Datasheet Search
  English  ▼

X  

AD6688 Datasheet(PDF) 52 Page - Analog Devices

Part # AD6688
Description  RF Diversity and 1.2 GHz Bandwidth Observation Receiver
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6688 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD6688 Datasheet HTML 48Page - Analog Devices AD6688 Datasheet HTML 49Page - Analog Devices AD6688 Datasheet HTML 50Page - Analog Devices AD6688 Datasheet HTML 51Page - Analog Devices AD6688 Datasheet HTML 52Page - Analog Devices AD6688 Datasheet HTML 53Page - Analog Devices AD6688 Datasheet HTML 54Page - Analog Devices AD6688 Datasheet HTML 55Page - Analog Devices AD6688 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 138 page
background image
AD6688
Data Sheet
Rev. 0 | Page 52 of 138
NCO Multichip Synchronization
In some applications, it is necessary to synchronize all the
NCOs and LMFCs within multiple devices in a system. For
applications needing multiple NCO tuning frequencies in the
system, a designer likely needs to generate a single SYSREF
pulse at all devices simultaneously. For many systems,
generating/receiving a single-shot SYSREF at all devices is
challenging because enabling/disabling the SYSREF is often an
asynchronous event, and not all clock generation chips support
this feature.
For this reason, the AD6688 contains a synchronization
triggering mechanism that allows the following:
•
At system startup, multichip synchronization of all NCOs
and LMFCs.
•
During normal operation, multichip synchronization of all
NCOs after applying new tuning frequencies.
The synchronization triggering mechanism uses a master/slave
arrangement, as shown in Figure 78.
Each device has an internal next synchronization trigger enable
(NSTE) signal that controls whether the next SYSREF causes a
synchronization event. Slave ADC devices must source their
NSTE from an external slave next trigger input (SNTI) pin.
Master devices can either use their external master next trigger
output (MNTO) pin (default setting) or use an external
SNTI pin.
See Register 0x0041 and Register 0x0042 in Table 46 to
configure the FD/GPIO pins for this operation.
MNTO = MASTER NEXT TRIGGER OUTPUT (CMOS)
SNTI = SLAVE NEXT TRIGGER INPUT (CMOS)
1 LINK,
L LANES
1 LINK,
L LANES
1 LINK,
L LANES
ADC DEVICE 1
(SLAVE)
ADC DEVICE 0
(MASTER)
ADC DEVICE 2
(SLAVE)
CLOCK
GENERATION
SYSREF±
DEVICE_CLOCK±
1 LINK,
L LANES
ADC DEVICE 3
(SLAVE)
MNTO
SNTI
SNTI
SNTI
Figure 78. System using Master/Slave Synchronization Triggering
NCO Multichip Synchronization at Startup
Figure 79 shows a timing diagram along with the required
sequence of events for NCO multichip synchronization using
triggering and SYSREF at startup. Using this startup sequence
synchronizes all the NCOs and LMFCs in the system at once.
NCO Multichip Synchronization During Normal Operation
See the Setting Up the Multichannel NCO Feature section.
MNTO
SNTI
SYSREF
DEVICE
CLOCK
LMFCS
DON’T CARE
DON’T CARE
NCOS
NCO
SYNCHRONIZED
LMFC
SYNCHRONIZED
BOARD PROPAGATION
DELAY
LEGEND
MNTO = MASTER NEXT TRIGGER OUTPUT (CMOS)
SNTI = SLAVE NEXT TRIGGER INPUT (CMOS)
NSTE = NEXT SYNCHRONIZATION TRIGGER ENABLE
LMFC = LOCAL MULTIFRAME CLOCK
NCO = NUMERICALLY CONTROLLED OSCILLATOR
NSTE
INPUT DELAY
CONFIGURE MASTER AND SLAVE DEVICES
ENABLE TRIGGER IN MASTER DEVICES
MNTO SET HIGH
SNTI SET HIGH
SYSTEM
SYNCHRONIZATION
ACHIEVED
SYSREF
IGNORED
Figure 79. NCO Multichip Synchronization at Startup (Using Triggering and SYSREF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com