Electronic Components Datasheet Search
  English  ▼

X  

AD6688 Datasheet(PDF) 18 Page - Analog Devices

Part # AD6688
Description  RF Diversity and 1.2 GHz Bandwidth Observation Receiver
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6688 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD6688 Datasheet HTML 14Page - Analog Devices AD6688 Datasheet HTML 15Page - Analog Devices AD6688 Datasheet HTML 16Page - Analog Devices AD6688 Datasheet HTML 17Page - Analog Devices AD6688 Datasheet HTML 18Page - Analog Devices AD6688 Datasheet HTML 19Page - Analog Devices AD6688 Datasheet HTML 20Page - Analog Devices AD6688 Datasheet HTML 21Page - Analog Devices AD6688 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 138 page
background image
AD6688
Data Sheet
Rev. 0 | Page 18 of 138
–130
–110
–90
–70
–50
–30
–10
–187.5 –150.0 –112.5 –75.0 –37.5
0
37.5
75.0
112.5 150.0 187.5
FREQUENCY (MHz)
AIN1 AND AIN2 = –15dBFS
SFDR = 96dBFS
IMD2 = 115dBFS
IMD3 = 96dBFS
Figure 17. Two-Tone FFT; fIN1 = 1841.5 MHz, fIN2 = 1846.5 MHz;
NCO Frequency = 1874.28 MHz; fS = 3 GHz
–130
–110
–90
–70
–50
–30
–10
–187.5 –150.0 –112.5 –75.0 –37.5
0
37.5
75.0
112.5 150.0 187.5
FREQUENCY (MHz)
AIN1 AND AIN2 = –15dBFS
SFDR = 94dBFS
IMD2 = 115dBFS
IMD3 = 94dBFS
Figure 18. Two-Tone FFT; fIN1 = 2137.5 MHz, fIN2 = 2142.5 MHz
NCO Frequency = 2176.92 MHz; fS = 3 GHz
–130
–110
–90
–70
–50
–30
–10
–187.5 –150.0 –112.5 –75.0 –37.5
0
37.5
75.0
112.5 150.0 187.5
FREQUENCY (MHz)
AIN1 AND AIN2 = –15dBFS
NCO FREQUENCY = 1874.28MHz
SFDR = 80dBFS
Figure 19. Two-Tone FFT; fIN1 = 1800 MHz, fIN2 = 2100 MHz
NCO Frequency = 1874.28 MHz; fS = 2.94912 GHz
–130
–110
–90
–70
–50
–30
–10
–187.5 –150.0 –112.5 –75.0 –37.5
0
37.5
75.0
112.5 150.0 187.5
FREQUENCY (MHz)
AIN1 AND AIN2 = –15dBFS
NCO FREQUENCY = 2176.9MHz
SFDR = 94dBFS
Figure 20. Two-Tone FFT; fIN1 = 1800 MHz, fIN2 = 2100 MHz
NCO Frequency = 2176.92 MHz; fS = 2.94912 GHz
–120
–100
–80
–60
–40
–20
0
–95 –89 –83 –77 –71 –65 –59 –53 –47 –41 –35 –29 –23 –17 –11 –7
INPUT AMPLITUDE (dBFS)
IMD3 (dBFS)
IMD3 (dBc)
SFDR (dBFS)
SFDR (dBc)
Figure 21. Two-Tone SFDR/IMD3 vs. Input Amplitude with
fIN1 = 1841.5 MHz, fIN2 = 1846.5 MHz
–120
–100
–80
–60
–40
–20
0
–95 –89 –83 –77 –71 –65 –59 –53 –47 –41 –35 –29 –23 –17
INPUT AMPLITUDE (dBFS)
IMD3 (dBFS)
IMD3 (dBc)
SFDR (dBFS)
SFDR (dBC)
–11 –7
Figure 22. Two-Tone SFDR/IMD3 vs. Input Amplitude with
fIN1 = 2137.5 MHz, fIN2 = 2142.5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com