Electronic Components Datasheet Search
  English  ▼

X  

AD6688 Datasheet(PDF) 23 Page - Analog Devices

Part # AD6688
Description  RF Diversity and 1.2 GHz Bandwidth Observation Receiver
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6688 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD6688 Datasheet HTML 19Page - Analog Devices AD6688 Datasheet HTML 20Page - Analog Devices AD6688 Datasheet HTML 21Page - Analog Devices AD6688 Datasheet HTML 22Page - Analog Devices AD6688 Datasheet HTML 23Page - Analog Devices AD6688 Datasheet HTML 24Page - Analog Devices AD6688 Datasheet HTML 25Page - Analog Devices AD6688 Datasheet HTML 26Page - Analog Devices AD6688 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 138 page
background image
Data Sheet
AD6688
Rev. 0 | Page 23 of 138
SCLK
SPIVDD
56kΩ
SPIVDD
ESD
PROTECTED
ESD
PROTECTED
DGND
DGND
DGND
Figure 37. SCLK Input
CSB
SPIVDD
56kΩ
ESD
PROTECTED
ESD
PROTECTED
DGND
DGND
Figure 38. CSB Input
SPIVDD
56kΩ
SPIVDD
ESD
PROTECTED
ESD
PROTECTED
DGND
DGND
DGND
SDI
SPIVDD
DGND
SDO
SDIO
Figure 39. SDIO Input
FD_A/GPIO_A0
FD
JESD LMFC
FD_x PIN CONTROL (SPI)
56kΩ
SPIVDD
DGND
DGND
SPIVDD
DGND
NCO BAND SELECT
SPIVDD
ESD
PROTECTED
ESD
PROTECTED
DGND
Figure 40. FD_A/GPIO_A0, FD_B/GPIO_B0, Input/Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com