Electronic Components Datasheet Search
  English  ▼

X  

AD6688 Datasheet(PDF) 17 Page - Analog Devices

Part # AD6688
Description  RF Diversity and 1.2 GHz Bandwidth Observation Receiver
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6688 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD6688 Datasheet HTML 13Page - Analog Devices AD6688 Datasheet HTML 14Page - Analog Devices AD6688 Datasheet HTML 15Page - Analog Devices AD6688 Datasheet HTML 16Page - Analog Devices AD6688 Datasheet HTML 17Page - Analog Devices AD6688 Datasheet HTML 18Page - Analog Devices AD6688 Datasheet HTML 19Page - Analog Devices AD6688 Datasheet HTML 20Page - Analog Devices AD6688 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 138 page
background image
Data Sheet
AD6688
Rev. 0 | Page 17 of 138
–135
–120
–105
–90
–75
–60
–45
–30
–15
0
–184.32 –138.24 –92.16
–46.08
0
46.08
92.16
138.24
184.32
FREQUENCY (MHz)
AIN = –2dBFS
NSD = –148.0dBFS/Hz
IN-BAND SNR = 63.4dBFS
IN-BAND SFDR = 89dBFS
BUFFER CURRENT = 500µA
Figure 11. Single-Tone FFT at fIN = 2690 MHz, NCO Frequency = 2655 MHz,
AIN = −2 dBFS; fS = 2.94912 GHz
–135
–120
–105
–90
–75
–60
–45
–30
–15
0
–184.32 –138.24 –92.16
–46.08
0
46.08
92.16
138.24
184.32
FREQUENCY (MHz)
AIN = –2dBFS
NSD = –148.0dBFS/Hz
IN-BAND SNR = 63.4dBFS
IN-BAND SFDR = 89dBFS
BUFFER CURRENT = 500µA
Figure 12. Single-Tone FFT at fIN = 2690 MHz, NCO Frequency = 2655 MHz,
AIN = −2 dBFS; fS = 2.94912 GHz
–152.0
–151.8
–151.6
–151.4
–151.2
–151
–150.8
–150.6
–150.4
–150.2
–150.0
155 455 755 1055 1355 1655 1955 2255 2555 2855 3155 3455 3755
INPUT FREQUENCY (MHz)
Figure 13. NSD vs. fIN; AIN = −9 dBFS
0
10
20
30
40
50
60
70
80
90
INPUT FREQUENCY (MHz)
–9dBFS
–2dBFS
155 455 755 1055 1355 1655 1955 2255 2555 2855 3205 3505 3805
Figure 14. SFDR vs. fIN; AIN = −2 dBFS and −9 dBFS
155 455 755 1055 1355 1655 1955 2255 2555 2855 3205 3505 3805
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT FREQUENCY (MHz)
–9dBFS
–2dBFS
Figure 15. Second Harmonic Distortion (HD2) vs. fIN;
AIN = −2 dBFS and −9 dBFS
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT FREQUENCY (MHz)
–9dBFS
–2dBFS
155 455 755 1055 1355 1655 1955 2255 2555 2855 3205 3505 3805
Figure 16. Third Harmonic Distortion (HD3) vs. fIN;
AIN = −2 dBFS and −9 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com