Electronic Components Datasheet Search
  English  ▼

X  

AD6688 Datasheet(PDF) 94 Page - Analog Devices

Part # AD6688
Description  RF Diversity and 1.2 GHz Bandwidth Observation Receiver
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6688 Datasheet(HTML) 94 Page - Analog Devices

Back Button AD6688 Datasheet HTML 90Page - Analog Devices AD6688 Datasheet HTML 91Page - Analog Devices AD6688 Datasheet HTML 92Page - Analog Devices AD6688 Datasheet HTML 93Page - Analog Devices AD6688 Datasheet HTML 94Page - Analog Devices AD6688 Datasheet HTML 95Page - Analog Devices AD6688 Datasheet HTML 96Page - Analog Devices AD6688 Datasheet HTML 97Page - Analog Devices AD6688 Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 138 page
background image
AD6688
Data Sheet
Rev. 0 | Page 94 of 138
MEMORY MAP REGISTER DETAILS
All address locations that are not included in Table 46 to Table 53 are not currently supported for this device and must not be written.
Analog Devices SPI Registers
Table 46.
Addr.
Name
Bit(s) Bit Name
Setting
Description
Reset Access
0x0000 SPI Configuration A 7
Soft reset mirror
(self clearing)
Whenever a soft reset is issued, the user must wait 5 ms before
writing to any other register. This provides sufficient time for
the boot loader to complete.
0x0
R/WC
0
Do nothing.
1
Reset the SPI and registers (self clearing).
6
LSB first mirror
0x0
R/W
1
Least significant bit shifted first for all SPI operations.
0
Most significant bit shifted first for all SPI operations.
5
Address ascension mirror
0x0
R/W
0
Multibyte SPI operations cause addresses to auto-decrement.
1
Multibyte SPI operations cause addresses to auto-increment.
[4:3] Reserved
Reserved.
0x0
R
2
Address ascension
0x0
R/W
0
Multibyte SPI operations cause addresses to auto-decrement.
1
Multibyte SPI operations cause addresses to auto-increment.
1
LSB first
0x0
R/W
1
Least significant bit shifted first for all SPI operations.
0
Most significant bit shifted first for all SPI operations.
0
Soft reset
(self clearing)
Whenever a soft reset is issued, the user must wait 5 ms before
writing to any other register. This provides sufficient time for
the boot loader to complete.
0x0
R/WC
0
Do nothing.
1
Reset the SPI and registers (self clearing).
0x0001 SPI Configuration B [7:2] Reserved
Reserved.
0x0
R
1
Datapath soft reset
(self clearing)
0x0
R/WC
0
Normal operation.
1
Datapath soft reset (self clearing).
0
Reserved
Reserved.
0x0
R
0x0002 Chip configuration
(local)
[7:2] Reserved
Reserved.
0x0
R
[1:0] Channel power mode
Channel power modes.
0x0
R/W
00
Normal mode (power-up).
10
Standby mode; digital datapath clocks disabled; JESD204B
interface enabled.
11
Power-down mode; digital datapath clocks disabled; digital
datapath held in reset; JESD204B interface disabled.
0x0003 Chip type
[7:0] Chip type
Chip type.
0x03
R
0x3
High speed ADC.
0x0004 Chip ID LSB
[7:0] Chip ID LSB[7:0]
Chip ID.
0xE2
R
0xE1
AD6688
0x0005 Chip ID MSB
[7:0] Chip ID MSB[15:8]
Chip ID.
0x0
R
0x0006 Chip grade
[7:4] Chip speed grade
0x0
Chip speed grade.
0x0
R
[3:0] Reserved
Reserved.
0x0
R
0x0008 Device index
[7:2] Reserved
Reserved.
0x0
R
1
Channel B
0x1
R/W
0
ADC Core B does not receive the next SPI command.
1
ADC Core B receives the next SPI command.
0
Channel A
0x1
R/W
0
ADC Core A does not receive the next SPI command.
1
ADC Core A receives the next SPI command.
0x000A Scratch pad
[7:0] Scratch pad
Chip scratch pad register. This register is used to provide a
consistent memory location for software debug.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com