Electronic Components Datasheet Search
  English  ▼

X  

AD6688 Datasheet(PDF) 62 Page - Analog Devices

Part # AD6688
Description  RF Diversity and 1.2 GHz Bandwidth Observation Receiver
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6688 Datasheet(HTML) 62 Page - Analog Devices

Back Button AD6688 Datasheet HTML 58Page - Analog Devices AD6688 Datasheet HTML 59Page - Analog Devices AD6688 Datasheet HTML 60Page - Analog Devices AD6688 Datasheet HTML 61Page - Analog Devices AD6688 Datasheet HTML 62Page - Analog Devices AD6688 Datasheet HTML 63Page - Analog Devices AD6688 Datasheet HTML 64Page - Analog Devices AD6688 Datasheet HTML 65Page - Analog Devices AD6688 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 138 page
background image
AD6688
Data Sheet
Rev. 0 | Page 62 of 138
DDC EXAMPLE CONFIGURATIONS
Table 28 describes the register settings for multiple DDC example configurations. Bandwidths listed are with <−0.005 dB of pass-band
ripple and >100 dB of stop band alias rejection.
Table 28. DDC Example Configurations (per ADC Channel Pair)
Chip
Application
Layer
Chip
Decimation
Ratio
DDC
Input
Type
DDC
Output
Type
Bandwidth
Per DDC1
No. of Virtual
Converters
Required
Register Settings
One DDC
2
Complex
Complex
40% × fS
2
0x0200 = 0x01 (one DDC; I/Q selected)
0x0201 = 0x01 (chip decimate by 2)
0x0310 = 0x83 (complex mixer; 0 dB gain; variable IF;
complex outputs; HB1 filter)
0x0311 = 0x04 (DDC I Input = ADC Channel A; DDC Q
input = ADC Channel B)
0x0316, 0x0317, 0x0318, 0x0319, 0x031A, 0x031B,
0x031D, 0x031E, 0x031F, 0x0320, 0x0321, 0x0322 = FTW
and POW set as required by application for DDC0
Two DDCs
4
Complex
Complex
20% × fS
4
0x0200 = 0x02 (two DDCs; I/Q selected)
0x0201 = 0x02 (chip decimate by 4)
0x0310, 0x0330 = 0x80 (complex mixer; 0 dB gain;
variable IF; complex outputs; HB2+HB1 filters)
0x0311,0x0331 = 0x04 (DDC I input = ADC Channel A;
DDC Q input = ADC Channel B)
0x0316, 0x0317, 0x0318, 0x0319, 0x031A, 0x031B,
0x031D, 0x031E, 0x031F, 0x0320, 0x0321, 0x0322 = FTW
and POW set as required by application for DDC0
0x0336, 0x0337, 0x0338, 0x0339, 0x033A, 0x033B,
0x033D, 0x033E, 0x033F, 0x0340, 0x0341, 0x0342 = FTW
and POW set as required by application for DDC1
Two DDCs
4
Complex
Real
10% × fS
2
0x0200 = 0x22 (two DDCs; I only selected)
0x0201 = 0x02 (chip decimate by 4)
0x0310, 0x0330 = 0x89 (complex mixer; 0 dB gain;
variable IF; real output; HB3 + HB2 + HB1 filters)
0x0311,0x0331 = 0x04 (DDC I Input = ADC Channel A;
DDC Q input = ADC Channel B)
0x0316, 0x0317, 0x0318, 0x0319, 0x031A, 0x031B,
0x031D, 0x031E, 0x031F, 0x0320, 0x0321, 0x0322 = FTW
and POW set as required by application for DDC0
0x0336, 0x0337, 0x0338, 0x0339, 0x033A, 0x033B,
0x033D, 0x033E, 0x033F, 0x0340, 0x0341, 0x0342 = FTW
and POW set as required by application for DDC1
Two DDCs
4
Real
Real
10% × fS
2
0x0200 = 0x22 (two DDCs; I only selected)
0x0201 = 0x02 (chip decimate by 4)
0x0310, 0x0330 = 0x49 (real mixer; 6 dB gain; variable IF;
real output; HB3 + HB2 + HB1 filters)
0x0311 = 0x00 (DDC0 I input = ADC Channel A; DDC0 Q
input = ADC Channel A)
0x0331 = 0x05 (DDC1 I input = ADC Channel B; DDC1 Q
input = ADC Channel B)
0x0316, 0x0317, 0x0318, 0x0319, 0x031A, 0x031B,
0x031D, 0x031E, 0x031F, 0x0320, 0x0321, 0x0322 = FTW
and POW set as required by application for DDC0
0x0336, 0x0337, 0x0338, 0x0339, 0x033A, 0x033B,
0x033D, 0x033E, 0x033F, 0x0340, 0x0341, 0x0342 = FTW
and POW set as required by application for DDC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com