Electronic Components Datasheet Search
  English  ▼

X  

AD6688 Datasheet(PDF) 29 Page - Analog Devices

Part # AD6688
Description  RF Diversity and 1.2 GHz Bandwidth Observation Receiver
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6688 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD6688 Datasheet HTML 25Page - Analog Devices AD6688 Datasheet HTML 26Page - Analog Devices AD6688 Datasheet HTML 27Page - Analog Devices AD6688 Datasheet HTML 28Page - Analog Devices AD6688 Datasheet HTML 29Page - Analog Devices AD6688 Datasheet HTML 30Page - Analog Devices AD6688 Datasheet HTML 31Page - Analog Devices AD6688 Datasheet HTML 32Page - Analog Devices AD6688 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 138 page
background image
Data Sheet
AD6688
Rev. 0 | Page 29 of 138
VOLTAGE REFERENCE
A stable and accurate 0.5 V voltage reference is built into the
AD6688. This internal 0.5 V reference sets the full-scale input
range of the ADC. The full-scale input range can be adjusted via
the ADC input full-scale control register (Register 0x1910). For
more information on adjusting the input swing, see Table 46.
Figure 51 shows the block diagram of the internal 0.5 V reference
controls.
The SPI Register 0x18A6 enables the user to either use this
internal 0.5 V reference or to provide an external 0.5 V
reference. When using an external voltage reference, provide a
0.5 V reference. The full-scale adjustment is made using the SPI,
irrespective of the reference voltage. For more information on
adjusting the full-scale level of the AD6688, refer to the
Memory Map section.
The SPI writes required to use the external voltage reference, in
order, are as follows:
1. Set Register 0x18E3 to 0x00 to turn off the VCM export.
2. Set Register 0x18E6 to 0x00 to turn off the temperature
diode export.
3. Set Register 0x18A6 to 0x01 to turn on the external voltage
reference.
The use of an external reference may be necessary in some
applications to enhance the gain accuracy of the ADC or to
improve thermal drift characteristics. Figure 50 shows the
typical drift characteristics of the internal 0.5 V reference.
0.5060
0.5055
0.5050
0.5045
0.5040
0.5035
0.5030
–10
10
30
50
70
90
110
130
JUNCTION TEMPERATURE (°C)
Figure 50. Typical VREF Drift
The external reference must be a stable 0.5 V reference. The
ADR130 is a good option for providing the 0.5 V reference.
Figure 52 shows how the ADR130 can be used to provide the
external 0.5 V reference to the AD6688. The grayed out areas
show unused blocks within the AD6688 while using the
ADR130 to provide the external reference.
VREF
CONTROL SPI
REGISTER
(0x18A6)
INTERNAL
0.5V
REFERENCE
GENERATOR
ADC
CORE
INPUT FULL-SCALE
CONTROL
SPI REGISTER
(0x1910)
VFS
ADJUST
VREF
VIN+A/VIN+B
VIN–A/VIN–B
Figure 51. Internal Reference Configuration and Controls
VREF
VREF PIN AND VFS
CONTROL
INTERNAL
0.5V
REFERENCE
GENERATOR
VFS
ADJUST
1
ADR130
2
3
NC
NC
GND SET
VIN VOUT
INPUT
ADC
6
5
4
0.1µF
0.1µF
Figure 52. External Reference Using ADR130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com