Electronic Components Datasheet Search
  English  ▼

X  

AD6688 Datasheet(PDF) 19 Page - Analog Devices

Part # AD6688
Description  RF Diversity and 1.2 GHz Bandwidth Observation Receiver
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6688 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD6688 Datasheet HTML 15Page - Analog Devices AD6688 Datasheet HTML 16Page - Analog Devices AD6688 Datasheet HTML 17Page - Analog Devices AD6688 Datasheet HTML 18Page - Analog Devices AD6688 Datasheet HTML 19Page - Analog Devices AD6688 Datasheet HTML 20Page - Analog Devices AD6688 Datasheet HTML 21Page - Analog Devices AD6688 Datasheet HTML 22Page - Analog Devices AD6688 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 138 page
background image
Data Sheet
AD6688
Rev. 0 | Page 19 of 138
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
110
–95 –89 –83 –77 –71 –65 –59 –53 –47 –41 –35 –29 –23 –17 –11 –5 –1
INPUT AMPLITUDE (dBFS)
SNR (dBc)
SNR (dBFS)
SFDR (dBc)
SFDR (dBFS)
Figure 23. SNR/SFDR vs. Input Amplitude, fIN = 950 MHz
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
110
–95 –89 –83 –77 –71 –65 –59 –53 –47 –41 –35 –29 –23 –17 –11 –5 –1
INPUT AMPLITUDE (dBFS)
SNR (dBc)
SNR (dBFS)
SFDR (dBc)
SFDR (dBFS)
Figure 24. SNR/SFDR vs. Input Amplitude, fIN = 1800 MHz
50
55
60
65
70
75
80
–10 0
10 20 30 40 50 60 70 80 90 100 110 120
TJ (°C)
SNR (dBFS)
SFDR (dBFS)
Figure 25. SNR/SFDR vs. Junction Temperature, fIN = 950 MHz, AIN = −9 dBFS
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–10 0
10 20 30 40 50 60 70 80 90 100 110 120
TJ (°C)
TOTAL POWER (W)
AVDD1 + AVDD2 + AVDD3 POWER (W)
DVDD + SPIVDD POWER (W)
DRVDD1 + DRVDD2 POWER (W)
Figure 26. Power vs. Junction Temperature, fIN = 950 MHz
–152.0
–151.5
–151.0
–150.5
–150.0
–149.5
–149.0
–148.5
–148.0
255
655
1055 1455 1855 2255 2655 3055 3455 3855
ANALOG INPUT FREQUENCY (MHz)
200mV p-p
500mV p-p
1000mV p-p
1200mV p-p
1500mV p-p
1800mV p-p
2000mV p-p
Figure 27. NSD vs. Analog Input Frequency vs. Various Clock Amplitude in
Differential Voltages, AIN = −9 dBFS
–152.0
–151.5
–151.0
–150.5
–150.0
–149.5
–149.0
–148.5
–148.0
–147.5
–147.0
–146.5
2400
2500
2600
2700
2800
2900
3000
3100
SAMPLE FREQUENCY (MHz)
AIN = –9dBFS
AIN = –2dBFS
Figure 28. NSD vs. Sample Frequency (fS)
fIN = 1.8 GHz; AIN = −2 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com