Electronic Components Datasheet Search
  English  ▼

X  

AD6688 Datasheet(PDF) 16 Page - Analog Devices

Part # AD6688
Description  RF Diversity and 1.2 GHz Bandwidth Observation Receiver
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6688 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD6688 Datasheet HTML 12Page - Analog Devices AD6688 Datasheet HTML 13Page - Analog Devices AD6688 Datasheet HTML 14Page - Analog Devices AD6688 Datasheet HTML 15Page - Analog Devices AD6688 Datasheet HTML 16Page - Analog Devices AD6688 Datasheet HTML 17Page - Analog Devices AD6688 Datasheet HTML 18Page - Analog Devices AD6688 Datasheet HTML 19Page - Analog Devices AD6688 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 138 page
background image
AD6688
Data Sheet
Rev. 0 | Page 16 of 138
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD1 = 0.975 V, AVDD1_SR = 0.975 V, AVDD2 = 1.9 V, AVDD3 = 2.5 V, DVDD = 0.975 V, DRVDD1 = 0.975 V, DRVDD2 = 1.9 V,
SPIVDD = 1.9 V, sampling rate = 3000 MHz, 1.7 V p-p full-scale differential input, DDC decimation rate = 8, default buffer current settings,
TA = 25°C, 128,000 FFT sample, unless otherwise noted. See Table 10 for the recommended settings.
–135
–120
–105
–90
–75
–60
–45
–30
–15
0
–184.32 –138.24 –92.16
–46.08
0
46.08
92.16
138.24
184.32
FREQUENCY (MHz)
AIN = –2dBFS
NSD = –150.4dBFS/Hz
IN-BAND SNR = 65.8dBFS
IN-BAND SFDR = 71dBFS
BUFFER CURRENT = 500µA
Figure 5. Single-Tone FFT at fIN = 960 MHz, NCO Frequency = 942.5 MHz,
AIN = −2 dBFS, fS = 2.94912 GHz
–135
–120
–105
–90
–75
–60
–45
–30
–15
0
–184.32 –138.24 –92.16
–46.08
0
46.08
92.16
138.24
184.32
FREQUENCY (MHz)
AIN = –9dBFS
NSD = –152.3dBFS/Hz
IN-BAND SNR = 67.7dBFS
IN-BAND SFDR = 95dBFS
BUFFER CURRENT = 500µA
Figure 6. Single-Tone FFT at fIN = 960 MHz, NCO Frequency = 942.5 MHz,
AIN = −9 dBFS; fS = 2.94912 GHz
–184.32 –138.24 –92.16
–46.08
0
46.08
92.16
138.24
184.32
–135
–120
–105
–90
–75
–60
–45
–30
–15
0
FREQUENCY (MHz)
AIN = –2dBFS
NSD = –149.9dBFS/Hz
IN-BAND SNR = 65.2dBFS
IN-BAND SFDR = 90dBFS
BUFFER CURRENT = 500µA
Figure 7. Single-Tone FFT at fIN = 1870 MHz, NCO Frequency = 1842 MHz,
AIN = −2 dBFS; fS = 2.94912 GHz
–184.32 –138.24 –92.16
–46.08
0
46.08
92.16
138.24
184.32
–135
–120
–105
–90
–75
–60
–45
–30
–15
0
FREQUENCY (MHz)
AIN = –9dBFS
NSD = –151.9dBFS/Hz
IN-BAND SNR = 67.2dBFS
IN-BAND SFDR = 96dBFS
BUFFER CURRENT = 500µA
Figure 8. Single-Tone FFT at fIN = 1870 MHz, NCO Frequency = 1842 MHz,
AIN = −9 dBFS; fS = 2.94912 GHz
–135
–120
–105
–90
–75
–60
–45
–30
–15
0
–184.32 –138.24 –92.16
–46.08
0
46.08
92.16
138.24
184.32
FREQUENCY (MHz)
AIN = –2dBFS
NSD = –149.7dBFS/Hz
IN-BAND SNR = 65.1dBFS
IN-BAND SFDR = 88dBFS
BUFFER CURRENT = 500µA
Figure 9. Single-Tone FFT at fIN = 2170 MHz, NCO Frequency = 2140 MHz,
AIN = −2 dBFS; fS = 2.94912 GHz
–135
–120
–105
–90
–75
–60
–45
–30
0
–15
–184.32 –138.24 –92.16
–46.08
0
46.08
92.16
138.24
184.32
FREQUENCY (MHz)
AIN = –9dBFS
NSD = –151.8dBFS/Hz
IN-BAND SNR = 67.1dBFS
IN-BAND SFDR = 89dBFS
BUFFER CURRENT = 500µA
Figure 10. Single-Tone FFT at fIN = 2170 MHz, NCO Frequency = 2140 MHz,
AIN = −9 dBFS; fS = 2.94912 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com