Electronic Components Datasheet Search
  English  ▼

X  

AD6688 Datasheet(PDF) 40 Page - Analog Devices

Part # AD6688
Description  RF Diversity and 1.2 GHz Bandwidth Observation Receiver
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6688 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD6688 Datasheet HTML 36Page - Analog Devices AD6688 Datasheet HTML 37Page - Analog Devices AD6688 Datasheet HTML 38Page - Analog Devices AD6688 Datasheet HTML 39Page - Analog Devices AD6688 Datasheet HTML 40Page - Analog Devices AD6688 Datasheet HTML 41Page - Analog Devices AD6688 Datasheet HTML 42Page - Analog Devices AD6688 Datasheet HTML 43Page - Analog Devices AD6688 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 138 page
background image
AD6688
Data Sheet
Rev. 0 | Page 40 of 138
PROGRAMMING INSTRUCTIONS
Follow this sequence to set up the programmable finite impulse
response (FIR) filter:
1. Enable sample CLK to the device.
2. Configure the mode registers.
a. Set device index to Channel A (I path)
(Register 0x0008 = 0x01).
b. Set I path mode (IMODE) and gain in Register 0x0DF8
and Register 0x0DF9 (see Table 12 and Table 13).
c. Set device index to Channel B (Q path)
(Register 0x0008 = 0x02).
d. Set Q path mode (QMODE) and gain in Register 0x0DF8
and Register 0x0DF9.
3. Wait for at least 5 µs to allow the programmable filter to
power up.
4. Program the I path coefficients to the internal shadow
registers.
a. Set device index to Channel A (I path)
(Register 0x0008 = 0x01).
b. Program the I path X coefficients (XI) in
Register 0x0E00 to Register 0x0E2F (see Table 14 and
Table 15).
c. Program the I path Y coefficients (YI) in
Register 0x0F00 to Register 0x0F7F (see Table 14 and
Table 15).
d. Program tapped delay in Register 0x0F30 (optional).
5. Program the Q path coefficients to the internal shadow
registers:
a. Set device index to Channel B (Q path)
(Register 0x0008 = 0x02).
b. Set Q path mode and gain in Register 0x0DF8 and
Register 0x0DF9 (see Table 12 and Table 13).
c. Program the Q path X coefficients (XQ) in
Register 0x0E00 to Register 0x0E2F (see Table 14 and
Table 15).
d. Program Q path Y coefficients (YQ) in Register 0x0F00
to Register 0x0F7F (see Table 14 and Table 15).
e. Program tapped delay in Register 0x0F30 (see Table 14
and Table 15) (optional).
6. Set the chip transfer bit using one of the following methods
(note that setting the chip transfer bit applies the programmed
shadow coefficients to the filter).
•
Register map.
•
Write the chip transfer bit (Register 0x000F = 0x01).
•
GPIO pin.
i.
Configure one of the GPIO pins as the chip
transfer bit in Register 0x0040 to Register 0x0042.
ii.
Toggle the GPIO pin to initiate the chip transfer
(rising edge triggered).
7. Whenever the I or Q path mode register changes in
Register 0x0DF8, all coefficients must be reprogrammed.
Table 12. Register 0x0DF8 Definition
Bit(s)
Description
[7:3]
Reserved
[2:0]
Filter mode (IMODE or QMODE)
000: filters bypassed
001: real 24-tap filter (X only)
010: real 48-tap filter (X and Y together)
100: real set of two cascaded 24-tap filters (X then Y
cascaded)
101: full complex filter using four real 24-tap filters for
the A and B channels (opposite channel must also be
set to 101)
110: half complex filter using two real 48-tap filters +
48-tap delay line (X and Y together) (opposite channel
must also be set to 010)
111: real 96-tap filter (XI, YI, XQ, and YQ together)
(opposite channel must be set to 000)
Table 13. Register 0x0DF9 Definition
Bit(s)
Description
7
Reserved
[6:4]
Y filter gain
110: −12 dB loss
111: −6 dB loss
000: 0 dB gain
001: 6 dB gain
010: 12 dB gain
3
Reserved
[2:0]
X filter gain
110: −12 dB loss
111: −6 dB loss
000: 0 dB gain
001: 6 dB gain
010: 12 dB gain
Table 14 and Table 15 show the coefficient tables in Register 0x0E00
to Register 0x0F30. All coefficients are Q1.15 format (sign bit + 15
fractional bits).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com