Electronic Components Datasheet Search
  English  ▼

X  

AD6688 Datasheet(PDF) 49 Page - Analog Devices

Part # AD6688
Description  RF Diversity and 1.2 GHz Bandwidth Observation Receiver
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6688 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD6688 Datasheet HTML 45Page - Analog Devices AD6688 Datasheet HTML 46Page - Analog Devices AD6688 Datasheet HTML 47Page - Analog Devices AD6688 Datasheet HTML 48Page - Analog Devices AD6688 Datasheet HTML 49Page - Analog Devices AD6688 Datasheet HTML 50Page - Analog Devices AD6688 Datasheet HTML 51Page - Analog Devices AD6688 Datasheet HTML 52Page - Analog Devices AD6688 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 138 page
background image
Data Sheet
AD6688
Rev. 0 | Page 49 of 138
NCO FTW/POW/MAW/MAB Coherent Mode
For coherent mode, the NCO MAW must be set to zero
(0x0000_0000_0000). In this mode, the NCO FTW can be
calculated by the following equation:
)
)
,
mod(
2
round(
48
s
s
c
f
f
f
FTW 
(5)
where:
FTW is the 48-bit twos complement number representing the
NCO FTW.
fS is the ADC sampling frequency.
fC is the desired carrier frequency.
mod(x) is a remainder function. For example mod(110,100) =
10 and for negative numbers, mod(–32,10) = –2.
round(x) is a rounding function. For example round(3.6) = 4
and for negative numbers, round(–3.4)= –3.
Note that Equation 5 applies to the aliasing of signals in the
digital domain (that is, aliasing introduced when digitizing
analog signals). The MAW must be set to zero to use coherent
mode. When MAW is zero, the programmable modulus logic is
automatically disabled.
For example, if the ADC sampling frequency (fS) is 3000 MSPS
and the carrier frequency (fC) is 416.667 MHz, then,
A_8E23
0x2EC6_C03
)
3000
)
3000
,
667
.
416
mod(
2
round(
_
48
FTW
NCO
The actual carrier frequency can be calculated based on the
following equation:
48
_
2
S
ACTUAL
C
f
FTW
f
For the previous example, the actual carrier frequency (fC_ACTUAL) is
MHz
416.66699
2
3000
667
.
416
48
_
ACTUAL
C
f
A 48-bit POW is available for each NCO to create a known
phase relationship between multiple chips or individual DDC
channels inside the chip.
While in coherent mode, the FTW and POW registers can be
updated at any time while still maintaining deterministic phase
results in the NCO.
NCO Channel Selection
When configured in coherent mode, only one FTW is required
in the NCO. In this mode, the user can switch to any tuning
frequency without the need to reset the NCO by writing to the
FTW directly. However, for fast switching applications, where
either all FTWs are known beforehand or it is possible to queue
up the next set of FTWs, the NCO contains 16 additional
shadow registers (see Figure 75). These shadow registers are
hereafter referred to as the NCO channels.
Figure 76 shows a simplified block diagram of the NCO channel
selection block. The gray lines in Figure 76 represent SPI
control lines.
Only one NCO channel is active at a time, and NCO channel
selection is controlled either by the CMOS GPIO pins or
through the register map.
Each NCO channel selector supports three different modes, as
described in the following sections.
NCO CHANNEL
SELECTION
NCO CHANNEL SELECTION
COUNTER
GPIO
CMOS
PINS
GPIO
SELECTION
MUX
INC
[0]
NCO
REGISTER MAP NCO
CHANNEL SELECTION
0x0314, 0x0334, 0x0354, 0x0374
NCO CHANNEL MODE
[3:0]
IN
IN
IN
IN
REGISTER
MAP
Figure 76. NCO Channel Selection Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com