Electronic Components Datasheet Search
  English  ▼

X  

AD6688 Datasheet(PDF) 20 Page - Analog Devices

Part # AD6688
Description  RF Diversity and 1.2 GHz Bandwidth Observation Receiver
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6688 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD6688 Datasheet HTML 16Page - Analog Devices AD6688 Datasheet HTML 17Page - Analog Devices AD6688 Datasheet HTML 18Page - Analog Devices AD6688 Datasheet HTML 19Page - Analog Devices AD6688 Datasheet HTML 20Page - Analog Devices AD6688 Datasheet HTML 21Page - Analog Devices AD6688 Datasheet HTML 22Page - Analog Devices AD6688 Datasheet HTML 23Page - Analog Devices AD6688 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 138 page
background image
AD6688
Data Sheet
Rev. 0 | Page 20 of 138
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2400
2500
2600
2700
2800
2900
3000
3100
SAMPLE FREQUENCY (MHz)
AVDD1 + AVDD2 + AVDD3 POWER
DVDD + SPIVDD POWER
DRVDD1 + DRVDD2 POWER
TOTAL POWER
Figure 29. Power Dissipation vs. Sample Frequency (fS)
fIN = 1.8 GHz; AIN = −2 dBFS
–15
–14
–13
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
100
2100
4100
6100
8100
10100
12100
FREQUENCY (MHz)
Figure 30. Input Bandwidth (see Figure 46 for Input Configuration)
0
10000
20000
30000
40000
50000
60000
70000
80000
OUTPUT CODE
5.6LSBRMS
Figure 31. Input Referred Noise Histogram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com