Electronic Components Datasheet Search
  English  ▼

X  

AD6688 Datasheet(PDF) 30 Page - Analog Devices

Part # AD6688
Description  RF Diversity and 1.2 GHz Bandwidth Observation Receiver
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6688 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD6688 Datasheet HTML 26Page - Analog Devices AD6688 Datasheet HTML 27Page - Analog Devices AD6688 Datasheet HTML 28Page - Analog Devices AD6688 Datasheet HTML 29Page - Analog Devices AD6688 Datasheet HTML 30Page - Analog Devices AD6688 Datasheet HTML 31Page - Analog Devices AD6688 Datasheet HTML 32Page - Analog Devices AD6688 Datasheet HTML 33Page - Analog Devices AD6688 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 138 page
background image
AD6688
Data Sheet
Rev. 0 | Page 30 of 138
DC OFFSET CALIBRATION
The AD6688 contains a digital filter to remove the dc offset from
the output of the ADC. For ac-coupled applications, this filter
can be enabled by writing 0x86 to Register 0x0701. The filter
computes the average dc signal and it is digitally subtracted
from the ADC output. As a result, the dc offset is improved to
better than 70 dBFS at the output. Since the filter does not
distinguish between the source of dc signals, this feature can be
used when the signal content at dc is not of interest. The filter
corrects dc up to ±512 codes and saturates beyond that.
CLOCK INPUT CONSIDERATIONS
For optimum performance, drive the AD6688 sample clock
inputs (CLK+ and CLK−) with a differential signal. This signal is
ac-coupled to the CLK+ and CLK− pins via a transformer or clock
drivers. These pins are biased internally and require no
additional biasing.
Figure 53 shows the differential input return loss curve for the
clock inputs across a frequency range of 100 MHz to 6 GHz.
The reference impedance is 100 Ω.
0
0
5.0
–5.0
2.0
1.0
–1.0
FREQUENCY (100MHz TO 6GHz)
–2.0
0.5
–0.5
0.2
–0.2
m4
m1
m3
m2
m1
FREQUENCY = 2.503GHz
SDD11 = 0.313/–173.307
IMPEDANCE = Z0 × (0.524 – j0.042)
m2
FREQUENCY = 2.996GHz
SDD11 = 0.337/169.383
IMPEDANCE = Z0 × (0.499 – j0.070)
m3
FREQUENCY = 3.104GHz
SDD11 = 0.332/165.502
IMPEDANCE = Z0 × (0.508 – j0.095)
m4
FREQUENCY = 6GHz
SDD11 = 0.271/54.790
IMPEDANCE = Z0 × (1.218 – j0.581)
Figure 53. Differential Input Return Loss for the CLK± Inputs
Figure 54 shows a preferred method for clocking the AD6688.
The low jitter clock source is converted from a single-ended
signal to a differential signal using an RF transformer.
ADC
CLK+
CLK–
1:2Z
CLOCK
INPUT
Figure 54. Transformer-Coupled Differential Clock
Another option is to ac couple a differential CML or LVDS
signal to the sample clock input pins, as shown in Figure 55.
CLK+
CLK–
ADC
CLOCK INPUT
ADC
150Ω
150Ω
100Ω
DIFFERENTIAL
TRACE
LVPECL
DRIVER
Figure 55. Differential LVPECL Sample Clock
Clock Duty Cycle Considerations
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals. The AD6688 contains an
internal clock divider and a duty cycle stabilizer (DCS). In the
AD6688, the DCS is enabled by default. In applications where
the clock duty cycle cannot be guaranteed to be 50%, a higher
multiple frequency clock along with the usage of the clock
divider is recommended.
When it is not possible to provide a higher frequency clock, it is
recommended to turn on the DCS using Register 0x011C and
Register 0x011E. Figure 56 shows a block diagram representation
showing the different controls to the AD6688 clock inputs. The
output of the divider offers a 50% duty cycle, high slew rate (fast
edge) clock signal to the internal ADC. See the Memory Map
section for more details on using this feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com