Electronic Components Datasheet Search
  English  ▼

X  

AD6688 Datasheet(PDF) 11 Page - Analog Devices

Part # AD6688
Description  RF Diversity and 1.2 GHz Bandwidth Observation Receiver
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6688 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD6688 Datasheet HTML 7Page - Analog Devices AD6688 Datasheet HTML 8Page - Analog Devices AD6688 Datasheet HTML 9Page - Analog Devices AD6688 Datasheet HTML 10Page - Analog Devices AD6688 Datasheet HTML 11Page - Analog Devices AD6688 Datasheet HTML 12Page - Analog Devices AD6688 Datasheet HTML 13Page - Analog Devices AD6688 Datasheet HTML 14Page - Analog Devices AD6688 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 138 page
background image
Data Sheet
AD6688
Rev. 0 | Page 11 of 138
TIMING SPECIFICATIONS
Table 5.
Parameter
Description
Min
Typ
Max
Unit
CLK+ to SYSREF+ TIMING REQUIREMENTS
tSU_SR
Device clock to SYSREF+ setup time
−65
ps
tH_SR
Device clock to SYSREF+ hold time
95
ps
SPI TIMING REQUIREMENTS
tDS
Setup time between the data and the rising edge of SCLK
2
ns
tDH
Hold time between the data and the rising edge of SCLK
2
ns
tCLK
Period of the SCLK
40
ns
tS
Setup time between CSB and SCLK
2
ns
tH
Hold time between CSB and SCLK
2
ns
tHIGH
Minimum period that SCLK must be in a logic high state
10
ns
tLOW
Minimum period that SCLK must be in a logic low state
10
ns
tACCESS
Maximum time delay between falling edge of SCLK and
output data valid for a read operation
6
10
ns
tDIS_SDIO
Time required for the SDIO pin to switch from an output to
an input relative to the SCLK rising edge
10
ns
Timing Diagrams
CLK+
CLK–
SYSREF+
SYSREF–
tSU_SR
tH_SR
Figure 2. SYSREF± Setup and Hold Timing
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
SDIO
SCLK
CSB
tS
tDH
tCLK
tDS
tH
R/W
A14
A13
A12
A11
A10
A9
A8
A7
D5
D4
D3
D2
D1
D0
tLOW
tHIGH
tACCESS
Figure 3. SPI Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com