Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 189 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 189 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 185Page - Advanced Micro Devices SC3200 Datasheet HTML 186Page - Advanced Micro Devices SC3200 Datasheet HTML 187Page - Advanced Micro Devices SC3200 Datasheet HTML 188Page - Advanced Micro Devices SC3200 Datasheet HTML 189Page - Advanced Micro Devices SC3200 Datasheet HTML 190Page - Advanced Micro Devices SC3200 Datasheet HTML 191Page - Advanced Micro Devices SC3200 Datasheet HTML 192Page - Advanced Micro Devices SC3200 Datasheet HTML 193Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
189
Core Logic Module
Revision 5.1
6.2.12.4 IRQ Configuration Registers
The Core Logic module provides the ability to set and clear
IRQs internally through software control. If the IRQs are
configured for software control, they do not respond to
external hardware. There are two registers provided for this
feature:
• Internal IRQ Enable Register (F3BAR0+Memory Offset
1Ah)
• Internal IRQ Control Register (F3BAR0+Memory Offset
1Ch)
Internal IRQ Enable Register
The Internal IRQ Enable register configures the IRQs as
internal (software) interrupts or external (hardware) inter-
rupts. Any IRQ used as an internal software driven source
must be configured as internal.
Internal IRQ Control Register
The Internal IRQ Control register allows individual software
assertion/de-assertion of the IRQs that are enabled as
internal. These bits are used as masks when attempting to
write a particular IRQ bit. If the mask bit is set, it can then
be asserted/de-asserted according to the value in the low-
order 16 bits. Otherwise the assertion/de-assertion values
of the particular IRQ can not be changed.
6.2.12.5 LPC Interface
The LPC interface of the Core Logic module is based on
the Intel® Low Pin Count (LPC) Interface specification,
revision 1.0. In addition to the requirement pins that are
specified in the Intel LPC Interface specification, the Core
Logic module also supports three optional pins: LDRQ#,
SERIRQ, and LPCPD#.
The following subsections briefly describe some sections of
the specification. However, for full details refer to the LPC
specification directly.
The goals of the LPC interface are to:
• Enable a system without an ISA bus.
• Reduce the cost of traditional ISA bus devices.
• Use on a motherboard only.
• Perform the same cycle types as the ISA bus: memory, I/
O, DMA, and Bus Master.
• Increase the memory space from 16 MB to 4 GB to allow
BIOS sizes much greater.
• Provide synchronous design. Much of the challenge of
an ISA design is meeting the different, and in some
cases conflicting, ISA timings. Make the timings
synchronous to a reference well known to component
designers, such as PCI.
• Support software transparency: do not require special
drivers or configuration for this interface. The mother-
board BIOS should be able to configure all devices at
boot.
• Support desktop and mobile implementations.
• Enable support of a variable number of wait states.
• Enable I/O memory cycle retries in SMM handler.
• Enable support of wakeup and other power state transi-
tions.
Assumptions and functionality requirements of the LPC
interface are:
• Only the following class of devices may be connected to
the LPC interface:
— SuperI/O (FDC, SP, PP, IR, KBC) - I/O slave, DMA,
bus master (for IR, PP).
— Audio, including AC97 style design - I/O slave, DMA,
bus master.
— Generic Memory, including BIOS - Memory slave.
— System Management Controller - I/O slave, bus
master.
• Interrupts are communicated with the serial interrupt
(SERIRQ) protocol.
• The LPC interface does not need to support high-speed
buses (such as CardBus, 1394, etc.) downstream, nor
does it need to support low-latency buses such as USB.
Figure 6-15 shows a typical setup. In this setup, the LPC is
connected through the Core Logic module to a PCI or host
bus.
Figure 6-15. Typical Setup
PCI/Host Bus
ISA (Optional)
LPC
KBC
SP
PP
FDC
Core Logic
SuperI/O Module
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com